Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C02 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 80C02
Description  OPTICAL SAMPLING MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C02 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 80C02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
8
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Sampling Module Characteristics (continued)
Clock Recovery
Clock Recovery
Unfiltered Optical
Absolute Maximum
Internal Fiber
(Optional)
Outputs
Bandwidth*3
Nondestructive
Diameter
Optical Input
80C01
Option CR: 622 Mb/s,
±Clock, ±Data
20 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
2.488 Gb/s
peak power at wavelength
of highest relative
responsivity
80C02
Option CR: 9.953 Gb/s
Clock, Clock/16,
28 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
Data
peak power at wavelength
of highest relative
responsivity
80C07B
Option CR1: 155 Mb/s,
±Clock, ±Data
2.5 GHz
5 mW average; 10 mW
62.5 µm/125 µm multi-mode
622 Mb/s, 1.063 Gb/s,
peak power at wavelength
1.250 Gb/s, 2.125 Gb/s,
of highest responsivity
2.488 Gb/s, 2.500 Gb/s,
2.666 Gb/s
80C08C
Option CR1: 9.953 Gb/s,
Clock, Clock/16
10 GHz
1 mW average; 10 mW
62.5 µm/125 µm multi-mode
10.31 Gb/s;
peak power at wavelength
Option CR2: 10.31 Gb/s,
of highest responsivity
10.52 Gb/s;
Option CR4: Continuous
from 9.8 Gb/s to 12.6 Gb/s
80C10
Future Upgradeable
Future
65 GHz
20 mW average; 60 mW
9 µm/125 µm single-mode
peak power at wavelength
of highest relative
responsivity
80C11
Option CR1: 9.953 Gb/s;
CR1: Clock,
28 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
Option CR2: 9.953 Gb/s,
Clock/16, Data;
peak power at wavelength
10.664 Gb/s; Option CR3:
CR2, CR3, CR4:
of highest responsivity
9.953 Gb/s, 10.709 Gb/s;
Clock, Clock/16
Option CR4: Continuous
between 9.8 Gb/s
to 12.6 Gb/s
80C12
Provided by 80A05
ELECTRICAL
9 GHz (for all
1 mW average; 10 mW
62.5 µm/125 µm
(sold separately)
SIGNAL OUT
options except 10G)
peak power at wavelength
multi-mode
10 GHz (Option 10G)
of highest responsivity
*3 Values shown are warranted unless printed in an italic typeface which represents a typical value.


Similar Part No. - 80C02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
   PINFET optical receiver modules
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
   Optical Spectrum Analyzer Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com