Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7721FQDWQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721FQDWQ1
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721FQDWQ1 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7721FQDWQ1 Datasheet HTML 1Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 2Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 3Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 4Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 5Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 6Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 7Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 8Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7720-Q1, ISO7721-Q1
SLLSEU1 – MARCH 2017
ISO772x-Q1 High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C6
Signaling Rate: Up to 100 Mbps
Wide Supply Range: 2.25 V to 5.5 V
2.25-V to 5.5-V Level Translation
Default Output High and Low Options
Low Power Consumption, Typical 1.7 mA per
Channel at 1 Mbps
Low Propagation Delay: 11 ns Typical
(5-V Supplies)
High CMTI: ±100 kV/μs Typical
Robust Electromagnetic Compatibility (EMC)
System-Level ESD, EFT, and Surge Immunity
Low Emissions
Isolation Barrier Life: >40 Years
Wide-SOIC (DW-16) and Narrow-SOIC (D-8)
Package Options
Safety-Related Certifications:
VDE Reinforced Insulation according to DIN V
VDE V 0884-10 (VDE V 0884-10):2006-12
5000 VRMS (DW) and 3000 VRMS (D) Isolation
Rating per UL 1577
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
CQC Certification per GB4943.1-2011
TUV Certification according to EN 60950-1 and
EN 61010-1
VDE, UL, CSA, and TUV Certifications for DW
Package Complete; All Other Certifications
Planned
2 Applications
Hybrid Electric Vehicles
Motor Control
Power Supplies
Solar Inverters
3 Description
The ISO772x-Q1 devices are high-performance, dual-
channel
digital
isolators
with
5000
VRMS (DW
package) and 3000 VRMS (D package) isolation
ratings per UL 1577. These devices are also certified
by VDE, TUV, CSA, and CQC.
The
ISO772x-Q1
devices
provide
high
electromagnetic immunity and low emissions at low
power
consumption,
while
isolating
CMOS
or
LVCMOS digital I/Os. Each isolation channel has a
logic input and output buffer separated by a silicon
dioxide (SiO2) insulation barrier. The ISO7720-Q1
device has both channels in the same direction while
the -Q1 device has both channels in the opposite
direction. In the event of input power or signal loss,
the default output is high for devices without suffix F
and low for devices with suffix F. See the Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on a data
bus or other circuits from entering the local ground
and interfering with or damaging sensitive circuitry.
Through
innovative
chip
design
and
layout
techniques, the electromagnetic compatibility of the
ISO772x-Q1 devices has been significantly enhanced
to
ease
system-level
ESD,
EFT,
surge,
and
emissions compliance. The ISO772x-Q1 family of
devices is available in 16-pin SOIC wide-body (DW)
and 8-pin SOIC narrow-body (D) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7720-Q1
ISO7721-Q1
SOIC (D)
4.90 mm × 3.91 mm
SOIC (DW)
10.30 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
VCCI and GNDI are supply and ground
connections respectively for the input
channels.
VCCO and GNDO are supply and ground
connections respectively for the output
channels.


Similar Part No. - ISO7721FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7721FQDWQ1 TI1-ISO7721FQDWQ1 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7721FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com