Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7721FQDWQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721FQDWQ1
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721FQDWQ1 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7721FQDWQ1 Datasheet HTML 1Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 2Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 3Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 4Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 5Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 6Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 7Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 8Page - Texas Instruments ISO7721FQDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
GND1
GND2
5
4
INB
OUTB
6
3
OUTA
INA
7
2
VCC1
VCC2
8
1
GND1
GND2
5
4
INB
OUTB
6
3
INA
OUTA
7
2
VCC1
VCC2
8
1
NC
GND2
9
8
GND1
NC
10
7
NC
NC
11
6
INB
OUTB
12
5
OUTA
INA
13
4
VCC1
VCC2
14
3
NC
NC
15
2
GND1
GND2
16
1
NC
GND2
9
8
GND1
NC
10
7
NC
NC
11
6
INB
OUTB
12
5
INA
OUTA
13
4
VCC1
VCC2
14
3
NC
NC
15
2
GND1
GND2
16
1
3
ISO7720-Q1, ISO7721-Q1
www.ti.com
SLLSEU1 – MARCH 2017
Product Folder Links: ISO7720-Q1 ISO7721-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
ISO7720-Q1 DW Package
16-Pin SOIC
Top View
ISO7721-Q1 DW Package
16-Pin SOIC
Top View
ISO7720-Q1 D Package
8-Pin SOIC
Top View
ISO7721-Q1 D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DW PACKAGE
D PACKAGE
ISO7720-Q1
ISO7721-Q1
ISO7720-Q1
ISO7721-Q1
GND1
1, 7
1, 7
4
4
Ground connection for VCC1
GND2
9
9
5
5
Ground connection for VCC2
16
16
INA
4
13
2
7
I
Input, channel A
INB
5
5
3
3
I
Input, channel B
NC
2, 6, 8, 10, 11,
15
2, 6, 8, 10,
11, 15
Not connected
OUTA
13
4
7
2
O
Output, channel A
OUTB
12
12
6
6
O
Output, channel B
VCC1
3
3
1
1
Power supply, VCC1
VCC2
14
14
8
8
Power supply, VCC2


Similar Part No. - ISO7721FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7721FQDWQ1 TI1-ISO7721FQDWQ1 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7721FQDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com