Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS114S08IRHBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS114S08IRHBR
Description  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S08IRHBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS114S08IRHBR Datasheet HTML 6Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 7Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 8Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 9Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 10Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 11Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 12Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 13Page - Texas Instruments ADS114S08IRHBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
10
ADS114S06, ADS114S08
SBAS815 – FEBRUARY 2017
www.ti.com
Product Folder Links: ADS114S06 ADS114S08
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –50°C to +125°C; Typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.7 V to 5.25 V, AVSS = 0 V, DVDD = IOVDD = 3.3 V, all gains, internal reference, internal
oscillator, all data rates, and global chop disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS VOLTAGE
VBIAS
Output voltage settings
(AVDD + AVSS) / 2,
(AVDD + AVSS) / 12
V
Output impedance
350
Ω
Startup time
Combined capacitive load on all selected analog
inputs CLOAD = 1 µF, 0.1% settling
2.8
ms
BURNOUT CURRENT SOURCES (BOCS)
Current settings
0.2, 1, 10
µA
Accuracy
0.2 µA, sinking or sourcing
±8%
1 µA, sinking or sourcing
±4%
10 µA, sinking or sourcing
±2%
PGA RAIL DETECTION
Positive rail threshold
Referred to the output of the PGA
AVDD – 0.15
V
Negative rail threshold
Referred to the output of the PGA
AVSS + 0.15
V
REFERENCE DETECTION
Threshold 1
0.3
V
Threshold 2
1/3·(AVDD – AVSS)
V
Threshold 2 accuracy
–3%
±1%
3%
Pull-together resistance
10
SUPPLY VOLTAGE MONITORS
Accuracy
(AVDD – AVSS) / 4 monitor
±1%
DVDD / 4 monitor
±1%
TEMPERATURE SENSOR
Output voltage
TA = 25°C
129
mV
Temperature coefficient
403
µV/°C
LOW-SIDE POWER SWITCH
RON
On-resistance
1
3
Ω
Current through switch
75
mA
GENERAL-PURPOSE INPUT/OUTPUTS (GPIOs)
VIL
Logic input level, low
AVSS – 0.05
0.3 AVDD
V
VIH
Logic input level, high
0.7 AVDD
AVDD + 0.05
V
VOL
Logic output level, low
IOL = 1 mA
AVSS
0.2 AVDD
V
VOH
Logic output level, high
IOH = 1 mA
0.8 AVDD
AVDD
V
DIGITAL INPUT/OUTPUTS
VIL
Logic input level, low
DGND
0.3 IOVDD
V
VIH
Logic input level, high
0.7 IOVDD
IOVDD
V
VOL
Logic output level, low
IOL = 1 mA
DGND
0.2 IOVDD
V
VOH
Logic output level, high
IOH = 1 mA
0.8 IOVDD
IOVDD
V
Input current
DGND
≤ VDigital Input ≤ IOVDD
–1
1
µA


Similar Part No. - ADS114S08IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S08B TI1-ADS114S08B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S08BIPBS TI1-ADS114S08BIPBS Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S08BIPBSR TI1-ADS114S08BIPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S08BIRHBR TI1-ADS114S08BIRHBR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S08BIRHBT TI1-ADS114S08BIRHBT Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
More results

Similar Description - ADS114S08IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com