Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 80C01
Description  OPTICAL SAMPLING MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 80C01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
7
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Characteristics
Optical Sampling Module Characteristics (Refer to Optical Sampling
Modules User Manual for more detailed information)
Application Type
Standards and
Number of Input
Effective
Calibrated
Supported Filtering
Channels
Wavelength Range
Wavelengths
Rates
80C01
Tributary Telecom
OC-12/STM-4 (622 Mb/s),
1
1100 nm to 1650 nm
1310 nm and
OC-48/STM-16 (2.488 Gb/s),
1550 nm (±20 nm)
OC-192/STM-64
(9.953 Gb/s)
80C02
10 Gb/s Telecom
OC-192/STM-64
1
1100 nm to 1650 nm
1310 nm and
(9.953 Gb/s)
1550 nm (±20 nm)
10GBase-W (9.953 Gb/s)
80C07B
Tributary Datacom/Telecom
Standard Included:
1
700 nm to 1650 nm
780 nm, 850 nm,
OC-48/STM-16 (2.488 Gb/s),
1310 nm, and 1550 nm
InfiniBand, 2 GbE (2.500 Gb/s);
(±20 nm)
Optional (choose any two):
OC-3/STM-1 (155 Mb/s),
OC-12/STM-4 (622 Mb/s),
Fibre Channel (1.063 Gb/s),
GbE (1.250 Gb/s), 2G Fibre
Channel (2.125 Gb/s)
80C08C
10 Gb/s Datacom/Telecom
OC-192/STM-64 (9.953 Gb/s),
1
700 nm to 1650 nm
780 nm, 850 nm,
10GBase-W (9.953 Gb/s),
1310 nm, and 1550 nm
10GBase-R (10.31 Gb/s),
(±20 nm)
10G Fibre Channel (10.52 Gb/s),
ITU-T G.975 FEC (10.664 Gb/s),
ITU-T G.709 (10.709 Gb/s),
10GbE FEC (11.1 Gb/s)
80C10
40 Gb/s Telecom
OC-768/STM-256 (39.813 Gb/s),
1
1310 nm and 1550 nm
1310 nm and
ITU-T G.709 FEC (43.018 Gb/s)
1550 nm (±20 nm)
80C11
10 Gb/s Datacom/Telecom
OC-192/STM-64 (9.953 Gb/s),
1
1100 nm and 1650 nm
1310 nm and
10GBase-W (9.953 Gb/s),
1550 nm (±20 nm)
10GBase-R (10.31 Gb/s),
10G Fibre Channel (10.52 Gb/s),
ITU-T G.975 FEC (10.664 Gb/s),
ITU-T G.709 (10.709 Gb/s),
10GbE FEC (11.1 Gb/s)
80C12
1 to 4.5 Gb/s
Fibre Channel (1.063 Gb/s),
1
700 nm to 1650 nm
850 nm,
Datacom/Telecom
2G Fibre Channel (2.125 Gb/s),
1310 nm, and
4G Fibre Channel (4.250 Gb/s)
1550 nm (±20 nm)
10GBase-X4 (3.125 Gb/s)
10GFC-X4 (3.1875 Gb/s)
VSR5-3318 (3.318 Gb/s)
10 Gb/s
OC-192/STM-64 (9.953 Gb/s),
Datacom/Telecom
10GBase-W (9.953 Gb/s),
10GBase-R (10.31 Gb/s),
10G Fibre Channel (10.52 Gb/s),
ITU-T G.975 FEC (10.664 Gb/s),
ITU-T G.709 (10.709 Gb/s),
10GbE FEC (11.1 Gb/s)


Similar Part No. - 80C01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
   PINFET optical receiver modules
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
   Optical Spectrum Analyzer Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com