Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1306E25DWVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306E25DWVR
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306E25DWVR Datasheet(HTML) 3 Page - Texas Instruments

  AMC1306E25DWVR Datasheet HTML 1Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 2Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 3Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 4Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 5Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 6Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 7Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 8Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
AVDD
8
DVDD
2
AINP
7
CLKIN
3
AINN
6
DOUT
4
AGND
5
DGND
Not to scale
3
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734 – MARCH 2017
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
STATUS
INPUT VOLTAGE
RANGE
DIFFERENTIAL INPUT
RESISTANCE
DIGITAL OUTPUT INTERFACE
AMC1306E05
Preview
±50 mV
4.9 kΩ
Manchester coded CMOS
AMC1306E25
Active
±250 mV
22 kΩ
Manchester coded CMOS
AMC1306M05
Preview
±50 mV
4.9 kΩ
Uncoded CMOS
AMC1306M25
Active
±250 mV
22 kΩ
Uncoded CMOS
6 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
AVDD
Analog (high-side) power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.
2
AINP
I
Noninverting analog input
3
AINN
I
Inverting analog input
4
AGND
Analog (high-side) ground reference
5
DGND
Digital (controller-side) ground reference
6
DOUT
O
Modulator data output. This pin is a Manchester coded output for AMC1306Ex derivates.
7
CLKIN
I
Modulator clock input: 5 MHz to 21 MHz (5-V operation) with internal pulldown resistor (typical value: 1.5 MΩ)
8
DVDD
Digital (controller-side) power supply, 2.7 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.


Similar Part No. - AMC1306E25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E25DWVR TI1-AMC1306E25DWVR Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E25DWVR TI1-AMC1306E25DWVR Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results

Similar Description - AMC1306E25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com