Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6382B351ML Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6382B351ML
Description  PFM CONTROLLED STEP UP DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6382B351ML Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6382B351ML Datasheet HTML 5Page - Torex Semiconductor XC6382B351ML Datasheet HTML 6Page - Torex Semiconductor XC6382B351ML Datasheet HTML 7Page - Torex Semiconductor XC6382B351ML Datasheet HTML 8Page - Torex Semiconductor XC6382B351ML Datasheet HTML 9Page - Torex Semiconductor XC6382B351ML Datasheet HTML 10Page - Torex Semiconductor XC6382B351ML Datasheet HTML 11Page - Torex Semiconductor XC6382B351ML Datasheet HTML 12Page - Torex Semiconductor XC6382B351ML Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
XC6382
Series
495
4
MIN
2.925
10
0.70
70
85
0.7
MAX
3.075
0.90
9.3
39.4
4.2
7.9
1.0
80
115
1.1
TYP
3.000
0.80
4.6
19.7
2.1
5.2
75
100
80
UNITS
V
V
V
µA
µA
µA
µA
%
kHz
V
%
V
Efficiency
XC6382A301
Ta=25
°C
MR
VOUT=3.0V
PARAMETER
Output Voltage
Maximum Input Voltage
SYMBOL
VOUT
VIN
MIN
Oscillation Start-up Voltage
VST
Oscillation Hold Voltage
VHLD
No-Load Input Current
IIN
Supply Current 1 (Note 2)
IDD1
Supply Current 2
IDD2
Lx Switch-On Resistance
RSWON
Lx Leakage Current
ILXL
Duty Ratio
DTY
Stand-by Current
ISTB
Lx Limit Voltage
VLxLMT
MAX
Efficiency
EFFI
TYP
UNITS
Maximum Oscillation Frequency
MAXFOSC
Measuring conditions: Unless otherwise specified, VIN=VOUT
✕ 0.6, IOUT=30mA. See Typical Application Circuits, Fig.1.
1. The Schottky diode (SD) must be type MA735, with reverse current (IR) <1.0
µA at reverse voltage (VR)=10.0V.
2. "Supply current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates
which results in less average power consumption. The current actually provided by an external VIN source is represented by "No-Load Input
Current (IIN)".
Note:
L,SD,CL etc. connected
CONDITIONS
IOUT=1mA
IOUT=1mA
IOUT=0mA(Note1)
VIN=VOUT
✕ 0.95
VIN=VOUT+0.5V
Same as IDD1. VLX=0.4V.
No external components. VOUT=VLX=10V.
Same as IDD1. Measuring of Lx waveform.
Same as IDD1.
Same as IDD1, FOSC > MAXFOSC
✕ 2
L,SD,CL etc. connected
Same as IDD1. 75% duty.
XC6382A501MR
Ta=25
°C
VOUT=5.0V
MIN
4.875
10
0.70
70
85
0.7
MAX
5.125
0.90
10.6
63.4
4.8
4.3
1.0
80
115
1.1
TYP
5.000
0.80
5.3
31.7
2.4
2.8
75
100
85
UNITS
V
V
V
µA
µA
µA
µA
%
kHz
V
%
V
Efficiency
PARAMETER
Output Voltage
Maximum Input Voltage
SYMBOL
VOUT
VIN
MIN
Oscillation Start-up Voltage
VST
Oscillation Hold Voltage
VHLD
No-Load Input Current
IIN
Supply Current 1 (Note 2)
IDD1
Supply Current 2
IDD2
Lx Switch-On Resistance
RSWON
Lx Leakage Current
ILXL
Duty Ratio
DTY
Stand-by Current
ISTB
Lx Limit Voltage
VLxLMT
MAX
Efficiency
EFFI
TYP
UNITS
Maximum Oscillation Frequency
MAXFOSC
Measuring conditions: Unless otherwise specified, VIN=VOUT
✕ 0.6, IOUT=50mA. See Typical Application Circuits, Fig.1.
1. The Schottky diode (SD) must be type MA735, with reverse current (IR) <1.0
µA at reverse voltage (VR)=10.0V.
2. "Supply current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates
which results in less average power consumption. The current actually provided by an external VIN source is represented by "No-Load Input
Current (IIN)".
Note:
L,SD,CL etc. connected
CONDITIONS
IOUT=1mA
IOUT=1mA
IOUT=0mA(Note1)
VIN=VOUT
✕ 0.95
VIN=VOUT+0.5V
Same as IDD1. VLX=0.4V.
No external components. VOUT=VLX=10V.
Same as IDD1. Measuring of Lx waveform.
Same as IDD1.
Same as IDD1, FOSC > MAXFOSC
✕ 2
L,SD,CL etc. connected
Same as IDD1. 75% duty.
■Electrical Characteristics
04S_09XC6382 02.09.12 14:54 ページ 495


Similar Part No. - XC6382B351ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6383 TOREX-XC6383 Datasheet
118Kb / 2P
   XC6383
XC6383A351ML TOREX-XC6383A351ML Datasheet
118Kb / 2P
   XC6383
XC6383A351MR TOREX-XC6383A351MR Datasheet
118Kb / 2P
   XC6383
XC6383A351PL TOREX-XC6383A351PL Datasheet
118Kb / 2P
   XC6383
XC6383A351PR TOREX-XC6383A351PR Datasheet
118Kb / 2P
   XC6383
More results

Similar Description - XC6382B351ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
L3383 UTC-L3383 Datasheet
250Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com