Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6053HHCN Datasheet(PDF) 1 Page - MTRONPTI

Part # M6053HHCN
Description  3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6053HHCN Datasheet(HTML) 1 Page - MTRONPTI

  M6053HHCN Datasheet HTML 1Page - MTRONPTI M6053HHCN Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Rev: 01/18/2013
M6053 & M6054 Series
3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
Ordering Information
M6053
2
G
S
N
00.0000
MHz
Product Series
M6053 = TCXO
M6054 = VCTCXO
Temperature Range
1: 0 °C to +70 °C
H: -30 °C to +85 °C
2: -40 °C to +85 °C
Stability
H: ±2.5 ppm
J: ±1.0 ppm
G: ±0.5 ppm
M: ±0.2 ppm
Output Waveform
S: Clipped Sine Wave
C: HCMOS
Package/Lead Configurations
N: 4 Pad Leadless Ceramic
Frequency (customer specified)
M6053Sxxx & M6054Sxxx - Custom datasheets.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Frequency Range
FR
10.0
52.0
MHz
∆F/F
-1.0
+1.0
ppm
@ +25 °C, initial
∆F/F
-1.5
+1.5
ppm
@ +25 °C, after two reflow
soldering profiles
Frequency Stability
∆FT/F
ppm
Over Operating Temperature
Frequency vs Supply Voltage
∆FVDD/F
-0.2
+0.2
ppm
For ±10% voltage change
Frequency vs Load
∆FLOAD/F
-0.2
+0.2
ppm
For ±10% load change
Aging
-1.0
+1.0
ppm
per year @ +40 °C
Operating Temperature
Input Voltage
VDD
2.85
3
3.15
V
Input Current
IDD
2
mA
Output Type
Output Load
Output Level
0.8
Vpk-pk
Control Voltage
VCT
0.5
1.5
2.5
V
M6054 only.
Frequency Tuning
±5
±12
ppm
M6054 only. VCT = +1.5 V
-85
dBc/Hz @ 10 Hz
-110
dBc/Hz @ 100 Hz
-135
dBc/Hz @ 1 kHz
-150
dBc/Hz @ 10 kHz
Mechanical Shock
Vibration
Hermeticity
Storage Temperature
Solderability
Max Soldering Conditions
Package
4-pad 3.2 X 5.0 X 1.5 mm leadless ceramic. RoHS compliant.
-55 °C to +105 °C
Per EIAJ-STD-002
Per MIL-STD-202, Method 112 (1x10-8 atm.cc/s of helium) (Crystal unit only)
See Solder Profile, Figure 1
Frequency Tolerance
Phase Noise (Typical)
Clipped Sine Wave or HCMOS
10 kΩ || 10 pF
(See Ordering Information)
(See Ordering Information)
Per MIL-STD-202, Method 213 (2000 g, 0.3 ms duration, ½ sine wave)
Per MIL-STD-202, Method 201 & 204 (10 g from 20 Hz to 2000 Hz)
Features:
Tight Stability Performance
±0.5 ppm over -40 °C to +85 °C range
±0.2 ppm over 0 °C to +70 °C range
Standard4PadConfiguration
Applications:
Telecommunications such as SONET / SDH / DWDM /
FEC / SERDES / OC-3 thru OC-192
Wireless base stations / WLAN / Gigabit Ethernet
Avionicflightcontrolsandmilitarycommunications
Pin Connections
Pin
Function
1
N/C or Control Voltage
2
Ground/Case
3
Output
4
+V
DD


Similar Part No. - M6053HHCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6050 MTRONPTI-M6050 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60501EACD MTRONPTI-M60501EACD Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60501EACD MTRONPTI-M60501EACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60501EASD MTRONPTI-M60501EASD Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M60501EASD MTRONPTI-M60501EASD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results

Similar Description - M6053HHCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
   2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com