Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB238T100NZ Datasheet(PDF) 3 Page - Rohm

Part # RB238T100NZ
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB238T100NZ Datasheet(HTML) 3 Page - Rohm

  RB238T100NZ Datasheet HTML 1Page - Rohm RB238T100NZ Datasheet HTML 2Page - Rohm RB238T100NZ Datasheet HTML 3Page - Rohm RB238T100NZ Datasheet HTML 4Page - Rohm RB238T100NZ Datasheet HTML 5Page - Rohm RB238T100NZ Datasheet HTML 6Page - Rohm RB238T100NZ Datasheet HTML 7Page - Rohm RB238T100NZ Datasheet HTML 8Page - Rohm RB238T100NZ Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB238T100NZ
lElectrical Characteristic Curves
1800
1900
2000
2100
2200
Ave. : 1904pF
T
j=25°C
f=1MHz
V
R=0V
n=10pcs
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
T
j=25°C
V
R=100V
n=30pcs
Ave. : 0.7
mA
20
25
30
35
40
45
50
55
60
Ave. : 24.7ns
T
j=25°C
I
F=0.5A
I
R=1.0A
I
rr / IR=0.25
n=10pcs
300
350
400
450
500
550
600
650
700
750
Ave. : 426A
I
R DISPERSION MAP
C
t DISPERSION MAP
I
FSM DISPERSION MAP
t
rr DISPERSION MAP
8.3ms
I
FSM
1cyc
T
a=25°C
3/5
2016.09 - Rev.A


Similar Part No. - RB238T100NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB238T100 ROHM-RB238T100 Datasheet
692Kb / 6P
   Schottky Barrier Diode
RB238T100FH ROHM-RB238T100FH Datasheet
809Kb / 8P
   Schottky Barrier Diode
RB238T100HZ ROHM-RB238T100HZ Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB238T100NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com