Electronic Components Datasheet Search |
|
TM133DVA1 Datasheet(PDF) 6 Page - Pulse A Technitrol Company |
|
TM133DVA1 Datasheet(HTML) 6 Page - Pulse A Technitrol Company |
6 / 12 page Application Guide CABL E LEN GTH PAR T TYP E EXAMPL E MOD EL DESCRIPTION 10 meters Equalization rarely required. For use in applications < 10 meters requiring isolation and common mode signal rejection, see T-1062 data sheet for dual (T X & RX) pulse transfor mer products. Short haul: 10-30 meters CopperheadTM passive transceiver module TM1062HSCT w ithout active logic chip and buffering For use in applications presenting an input voltage of no less than 400 mV (from cable) to transceiver R X. An insertion loss (S21 ) calculation w ith respect to cable length should be made in order to deter mine compliance. If the voltage is less than 400 m V, use “long haul” device (below). Long haul: > 30 meters Copperhead TM transceiver module w ith active logic chip and buffering for receive side only TM1062DSA w ith active receive amplifier For use in long haul applications w here losses accu mulate and diminish (receive) signal strength. This device requires a mini mum input signal of only 100 mV (from cable) to transceiver R X. Long haul: > 30 meters, enhanced trans mit Copperhead TM transceiver module w ith active logic chip and buffering for both receive and trans mit sides T M1062DSA1 w ith active trans mit driver and receive amplifier For use in long haul applications requiring buffered trans mit signal. The active trans mitter acts as a buffer. It reconditions the signal to the appropriate drive level. Trans mitter output signal level is 1100 mV mini mum. The transceiver type (passive/short haul or active/long haul) is based on the cable insertion loss (attenuation) for the length of cable in question. Pulse Components Division recommends the product type/cable length combinations listed below. Specific models recommended as examples are based on installation/use within 1 Gbaud /150 ohm systems. Block diagram for "long haul" application Shown is an application of the Model TM1062DSA with "active receive" amplifier for a "long haul" application presenting an input voltage of less than 400 mV (from cable) to transceiver RX. Twinax Cable TRANSFORMER RX TX RECEIVE FILTER AND EQUALIZER DIFF. AMP AND DRIVER TX FILTER TX RX .027 uF 500 VOLT TRANSMITTER SECTION TRANSFORMER RECEIVER SECTION OPTIONAL ACTIVE TRANSMIT DRIVER TWO PEARL BUCK COURT BRISTOL, PA 19007-6812 TEL 215-781-6400 FAX 215-781-6403 www.pulsespecialty.com Fibre Channel Module — 6 PULSE SPECIALTY COMPONENTS |
Similar Part No. - TM133DVA1 |
|
Similar Description - TM133DVA1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |