Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAH35 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SAH35
Description  Type N female integrated connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SAH35 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SAH35 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3300-3600 MHZ HORIZONTALLY POLARIZED SECTOR ANTENNA
The 3.5GHz horizontally polarized sector antenna system offered by Laird Technologies are constructed of UV
stable ABS plastic radomes and stainless steel brackets for long service life in the most demanding conditions.The
horizontal polarization allows for reduced interference potential in systems which are installed in areas with high
levels of vertically polarized RF noise or where the system manager wants to avoid potential future problems with
interference.The super heavy duty scissor bracket system is easy to install and adjust for up to 30 deg of downtilt.
FEATURES
• Horizontally polarized
• High gain
• Type N female integrated connector
• Extremely rugged for long service life in extreme environments
• Completely weatherproof
SAH35
Horizontally Polarized Sector Antennas
PARAMETER
SAH35-90-16
Frequency range
3300 - 3600 MHz
VSWR
1.5:1
Impedance
50 ohm
Input power
100W
Pole diameter (OD)
1”- 3” (25-76mm)
Temperature
-40°C to +70°C
Gain
17 dBi
Horizontal beamwidth
90°
Vertical beamwidth
6.5°
Polarization
Horizontal
Front-to-back
>16 dB
Mechanical downtilt
30°
Weight
10 lbs (4.5 kg)
Dimensions (L x W x H)
35.5” x 4.7” x 2.4”
(900 x 120 x 60mm)
MARKETS
• 3.5GHz WiMAX applications
• Base station antennas
• Point to multi-point systems
• BWA applications
ANT-DS-SAH35 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
WIND LOADING
MODEL
SQ. IN
100 MPH
125 MPH
SAH35
167
41.8 lb
65.2 lb
SYSTEM ORDERING
SAH35-90-16
3300-3600MHz 16dBi 90deg HPOL sector
antenna
SAH35-90-16
Azimuth
ANTENNA PATTERNS
SAH35-90-16
E-Plane
Americas: +1.847 839.6925
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - SAH35

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Laird Tech Smart Techno...
SAH-2400-120-002 LSTD-SAH-2400-120-002 Datasheet
436Kb / 1P
   Integral N-female connector
SAH-2400-120-12 LSTD-SAH-2400-120-12 Datasheet
688Kb / 1P
   Integral N-female connector
logo
Siemens Semiconductor G...
SAH-C515 SIEMENS-SAH-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
SAH-C515A-4R SIEMENS-SAH-C515A-4R Datasheet
1Mb / 182P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAH35

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SA49 LSTD-SA49 Datasheet
1Mb / 1P
   Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
   Type N female integrated connector
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
   Type N female integrated connector
SA24WB LSTD-SA24WB Datasheet
1Mb / 1P
   Type N female integrated connector
SA58-WB LSTD-SA58-WB Datasheet
991Kb / 1P
   Type N female integrated connector
SA24 LSTD-SA24 Datasheet
875Kb / 1P
   Type N female integrated connector
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
   Type N female integrated bulkhead connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
   Type N female integrated bulkhead connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
   Type N female integrated bulkhead connector
SAH9-120-12 LSTD-SAH9-120-12 Datasheet
507Kb / 1P
   Type N female integrated connector standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com