Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1704151118 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1704151118
Description  Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1704151118 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1704151118_17 Datasheet HTML 1Page - Molex Electronics Ltd. 1704151118_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Electrical Model Document
EE-170415-029, EE-170415-181
Packaging Specification
PK-70873-0050
S-Parameter Model
SP-170415-029, SP-170415-181, SP-170415-221
Sales Drawing
SD-170415-001
Symbol/Footprint Data
SYM-170415-1118
This document was generated on 03/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1704151118_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1704151118 MOLEX11-1704151118 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
More results

Similar Description - 1704151118_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1704151118 MOLEX11-1704151118 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
1704151918 MOLEX1-1704151918_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 16 Columns
1704151618 MOLEX1-1704151618_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
1704151618 MOLEX11-1704151618 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
1704151818 MOLEX11-1704151818 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 8 Columns
1704151818 MOLEX1-1704151818_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 8 Columns
1704151918 MOLEX11-1704151918 Datasheet
50Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 16 Columns
1704151122 MOLEX11-1704151122 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 10 Columns
1704151122 MOLEX1-1704151122_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 10 Columns
1704151922 MOLEX1-1704151922_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 16 Columns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com