Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1704151118 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1704151118
Description  Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1704151118 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1704151118_17 Datasheet HTML 1Page - Molex Electronics Ltd. 1704151118_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1704151118
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns, 90
Circuits, Plated Through Hole Dimension 0.39mm, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-0050 (PDF)
Application Specification AS-76060-990-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
170415
Application
Mezzanine
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Electrical Model
Yes
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
884982800625
Physical
Circuits (Loaded)
90
Circuits (maximum)
90
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
18.548/g
Number of Columns
10
Number of Pairs
3
Number of Rows
9
Orientation
Vertical
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
170415 Series
Mates With
76165 Impact™ 100 Ohm Backplane
Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-In Tool for
Impact™ Signal
Module Assembly
0622018857


Similar Part No. - 1704151118_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1704151118 MOLEX11-1704151118 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
More results

Similar Description - 1704151118_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1704151118 MOLEX11-1704151118 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 10 Columns
1704151918 MOLEX1-1704151918_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 16 Columns
1704151618 MOLEX1-1704151618_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
1704151618 MOLEX11-1704151618 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 6 Columns
1704151818 MOLEX11-1704151818 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 8 Columns
1704151818 MOLEX1-1704151818_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 8 Columns
1704151918 MOLEX11-1704151918 Datasheet
50Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 18mm Stack Height, 16 Columns
1704151122 MOLEX11-1704151122 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 10 Columns
1704151122 MOLEX1-1704151122_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 10 Columns
1704151922 MOLEX1-1704151922_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 3 Pair Mezzanine Receptacle, 22mm Stack Height, 16 Columns
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com