Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6382D Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6382D
Description  PFM CONTROLLED STEP UP DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6382D Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6382D Datasheet HTML 1Page - Torex Semiconductor XC6382D Datasheet HTML 2Page - Torex Semiconductor XC6382D Datasheet HTML 3Page - Torex Semiconductor XC6382D Datasheet HTML 4Page - Torex Semiconductor XC6382D Datasheet HTML 5Page - Torex Semiconductor XC6382D Datasheet HTML 6Page - Torex Semiconductor XC6382D Datasheet HTML 7Page - Torex Semiconductor XC6382D Datasheet HTML 8Page - Torex Semiconductor XC6382D Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
XC6382
Series
489
4
■Product Classification
GSelection Guide
GOrdering Information
PART TYPE
PACKAGE
FEATURES
XC6382A
SOT-23,
SOT-89
SOT-23,
SOT-89
SOT-25,
SOT-89-5
SOT-25,
SOT-89-5
SOT-25,
SOT-89-5
SOT-25,
SOT-89-5
XC6382B
Accommodates a duty ratio of 75%.
Adding an external transistor can improve the output
capability by up to several hundred mA.
Accommodates a duty ratio of 75%.
XC6382C
Stand-by (CE) function added version to the
XC6382A.
Stand-by current: 0.5
µA max.
XC6382D
Stand-by (CE) function added version to the
XC6382B.
Stand-by current: 0.5
µA max.
XC6382E
Independent power supply and set-up voltage
sensing leads allow designing of PFM controllers.
XC6382F
Independent power supply and set-up voltage
sensing leads allow designing of PFM controllers.
ADDITIONAL
FUNCTION
Chip Enable(CE)
Chip Enable(CE)
Separated
"VDD" and "VOUT" leads
Separated
"VDD" and "VOUT" leads
DUTY
RATIO
75%
75%
75%
75%
75%
75%
SWITCHING
RELATED
Built-in Transistor
"Lx" lead
External Transistor
"EXT" lead
Built-in Transistor
"Lx" lead
External Transistor
"EXT" lead
Built-in Transistor
"Lx" lead
External Transistor
"EXT" lead
P
R
L
A
B
C
D
E
F
1
3-pin. Built-in switching transistor
3-pin. External switching transistor
Stand-by capability. (5-pin) Built-in switching transistor
Stand-by capability. (5-pin) External switching transistor
Separated VDD and VOUT. (5-pin) Built-in switching transistor
Separated VDD and VOUT. (5-pin) External switching transistor
Maximum Oscillator Frequency
100kHz
Output Voltage
e.g.VOUT=3.5V
➔ w=3, e=5
M
Package
q=A~B
SOT-23
q=C~F
SOT-25
Package
q=A~B
SOT-89
q=C~F
SOT-89-5
Embossed tape : Standard Feed
Embossed tape : Reverse Feed
XC6382 Series
PFM Controlled Duty 75%
XC6382qwerty
q
w
e
r
t
y
04S_09XC6382 02.09.12 14:53 ページ 489


Similar Part No. - XC6382D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6383 TOREX-XC6383 Datasheet
118Kb / 2P
   XC6383
XC6383A351ML TOREX-XC6383A351ML Datasheet
118Kb / 2P
   XC6383
XC6383A351MR TOREX-XC6383A351MR Datasheet
118Kb / 2P
   XC6383
XC6383A351PL TOREX-XC6383A351PL Datasheet
118Kb / 2P
   XC6383
XC6383A351PR TOREX-XC6383A351PR Datasheet
118Kb / 2P
   XC6383
More results

Similar Description - XC6382D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
L3383 UTC-L3383 Datasheet
250Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com