Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ244915-FNF Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # PDQ244915-FNF
Description  Ultra thin, compact ASA UV stable white housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PDQ244915-FNF Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  PDQ244915-FNF Datasheet HTML 1Page - Laird Tech Smart Technology PDQ244915-FNF Datasheet HTML 2Page - Laird Tech Smart Technology PDQ244915-FNF Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Azmith Radiation Pattern at 4900 MHz
PDQ244915
2400 to 2500 MHz/4900 to 5950 MHz
4-port MIMO Directional Antenna
Elevation Radiation Pattern at 4900 MHz
Azmith Radiation Pattern at 5500 MHz
Elevation Radiation Pattern at 5500 MHz
Azmith Radiation Pattern at 5950 MHz
Elevation Radiation Pattern at 5950 MHz
2305 MHz
2507 MHz
2700 MHz
ANT-DS-CLS69273 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
CLS69273P
698-960 MHz/1710-2700 MHz
Low Profile / Low PIM Ceiling Mount Antenna
ANT-DS-PDQ244915 1115


Similar Part No. - PDQ244915-FNF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PDQ24499 LSTD-PDQ24499 Datasheet
619Kb / 2P
   IP67 Rated and RoHS compliant
PDQ24499-91NF LSTD-PDQ24499-91NF Datasheet
619Kb / 2P
   IP67 Rated and RoHS compliant
PDQ24499-91NM LSTD-PDQ24499-91NM Datasheet
619Kb / 2P
   IP67 Rated and RoHS compliant
PDQ24499-FNF LSTD-PDQ24499-FNF Datasheet
619Kb / 2P
   IP67 Rated and RoHS compliant
More results

Similar Description - PDQ244915-FNF

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
logo
American Accurate Compo...
RP2-1003TP AAC-RP2-1003TP Datasheet
104Kb / 1P
   RP Ultra Stable Thin Film Resistor
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
   New ultra-compact housing
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
logo
Pulse A Technitrol Comp...
DASUTWC500NF PULSE-DASUTWC500NF Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
DASUTWCXXX PULSE-DASUTWCXXX Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
logo
Rohm
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com