Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6382B Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6382B
Description  PFM CONTROLLED STEP UP DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6382B Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6382B Datasheet HTML 6Page - Torex Semiconductor XC6382B Datasheet HTML 7Page - Torex Semiconductor XC6382B Datasheet HTML 8Page - Torex Semiconductor XC6382B Datasheet HTML 9Page - Torex Semiconductor XC6382B Datasheet HTML 10Page - Torex Semiconductor XC6382B Datasheet HTML 11Page - Torex Semiconductor XC6382B Datasheet HTML 12Page - Torex Semiconductor XC6382B Datasheet HTML 13Page - Torex Semiconductor XC6382B Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
XC6382 Series
496
4
XC6382B501MR
Ta=25
°C
VOUT=5.0V
PARAMETER
Output Voltage
Maximum Input Voltage
SYMBOL
VOUT
L,SD,CL etc. connected
VIN
CONDITIONS
Oscillation Start-up Voltage
VST
IOUT=1mA
Oscillation Hold Voltage
VHLD
IOUT=1mA
Supply Current 1 (Note 1)
IDD1VIN=VOUT
✕ 0.95
Supply Current 2
IDD2VIN=VOUT+0.5
EXT "High" On Resistance
REXTH
Same as IDD1. VEXT=VOUT–0.4V.
EXT "Low" On Resistance
REXTL
Same as IDD1. VEXT=0.4V.
Duty Ratio
DTY
Same as IDD1. Measuring of EXT waveform.
Maximum Oscillation Frequency
MAXFOSC
Same as IDD1. 75% duty.
Efficiency
EFFI
L,SD,CL,Tr., etc. connected
MIN
4.875
10
0.70
70
85
TYP
5.000
0.80
31.7
2.4
50
50
75
100
85
MAX
5.125
0.90
63.4
4.8
75
75
80
115
UNITS
V
V
V
µA
µA
%
kHz
%
V
Note:
Measuring conditions: Unless otherwise specified, VIN=VOUT
✕ 0.6, IOUT=50mA. See Typical Application circuits, Fig.2.
1. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates
which results in less average power consumption.
XC6382B301MR
Ta=25
°C
VOUT=3.0V
PARAMETER
Output Voltage
Maximum Input Voltage
SYMBOL
VOUT
L,SD,CL etc. connected
VIN
CONDITIONS
Oscillation Start-up Voltage
VST
IOUT=1mA
Oscillation Hold Voltage
VHLD
IOUT=1mA
Supply Current 1 (Note 1)
IDD1VIN=VOUT
✕ 0.95
Supply Current 2
IDD2VIN=VOUT+0.5
EXT "High" On Resistance
REXTH
Same as IDD1. VEXT=VOUT–0.4V.
EXT "Low" On Resistance
REXTL
Same as IDD1. VEXT=0.4V.
Duty Ratio
DTY
Same as IDD1. Measuring of EXT waveform.
Maximum Oscillation Frequency
MAXFOSC
Same as IDD1. 75% duty.
Efficiency
EFFI
L,SD,CL,Tr., etc. connected
MIN
2.925
10
0.70
70
85
TYP
3.000
0.80
19.7
2.1
76
76
75
100
80
MAX
3.075
0.90
39.4
4.2
114
114
80
115
UNITS
V
V
V
µA
µA
%
kHz
%
V
Note:
Measuring conditions: Unless otherwise specified, VIN=VOUT
✕ 0.6, IOUT=30mA. See Typical Application circuits, Fig.2.
1. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates
which results in less average power consumption.
04S_09XC6382 02.09.12 14:54 ページ 496


Similar Part No. - XC6382B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6383 TOREX-XC6383 Datasheet
118Kb / 2P
   XC6383
XC6383A351ML TOREX-XC6383A351ML Datasheet
118Kb / 2P
   XC6383
XC6383A351MR TOREX-XC6383A351MR Datasheet
118Kb / 2P
   XC6383
XC6383A351PL TOREX-XC6383A351PL Datasheet
118Kb / 2P
   XC6383
XC6383A351PR TOREX-XC6383A351PR Datasheet
118Kb / 2P
   XC6383
More results

Similar Description - XC6382B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
L3383 UTC-L3383 Datasheet
250Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com