Electronic Components Datasheet Search |
|
749087-4 Datasheet(PDF) 7 Page - Tyco Electronics |
|
749087-4 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 32 page 12 Catalog 82068 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 1-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 AMPLIMITE .050 Series Cable Plug Connectors, Series III AMPLIMITE Subminiature D Connectors Note: All part numbers are RoHS compliant. Materials: Housing and Covers— Thermoplastic, 94V-0 rated, black or gray Contacts—Phosphor bronze, duplex plated .000030 [0.00076] min. gold on mating end, tin on termination end, all underplated .nickel Shell—Steel, plated tin-nickel alloy over nickel over min. copper Recommended wire size— 28 AWG [0.08-0.09mm2] or 30 AWG [0.05mm2], solid or 7 strand, with a .029-.036 [0.74-0.89] insulation diameter. Technical Documents: Product Specifications—108-1228 Application Specifications— 114-40029 Instruction Sheet—408-9427 B Housing .050 [1.27] Typ. .224 [5.69] .100 [2.54] Typ. +.003 .327 -.002 +0.08 [8.31-0.05] .588±.010 [14.94±0.25] Typ. Mating Face Shell ±.003 D [±0.08] ±.003 A [±0.08] Typ. Termination Area Typ. Shielded Plugs Shielded Plug with Unassembled Wire Lacing Termination Covers Shielded Plug Wire Lacing Termination Covers Part Numbers No. of Dimensions .032-.036 .029-.031 Pos. AB D [0.81-0.91] [0.74-0.79] Outer Wire Dia. Black Outer Wire Dia. Gray .293 .600 .979 26 7.44 15.24 24.87 5750913-2 1-5750913-2 .293 1.200 1.579 50 7.44 30.48 40.11 5750913-5 1-5750913-5 .293 1.650 2.029 68 7.44 41.91 51.54 5750913-7 1-5750913-7 .373 2.450 2.829 100 9.47 62.23 71.86 — 1-5750913-9 Notes: 1. Plug connector requires backshell kit for complete assembly. Refer to pages 16-19 for backshell kit part numbers. 2. For termination, cover closing and wire lacing tooling, see page 14. Connector With Unassembled Wire Lacing Termination Covers |
Similar Part No. - 749087-4 |
|
Similar Description - 749087-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |