Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPP014-L Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # SFPP014-L
Description  SFP PLUS 2 BY 4 CAGECONNECTOR_P
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPP014-L Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  SFPP014-L Datasheet HTML 1Page - Pulse A Technitrol Company SFPP014-L Datasheet HTML 2Page - Pulse A Technitrol Company SFPP014-L Datasheet HTML 3Page - Pulse A Technitrol Company SFPP014-L Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - SFPP014-L

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFPP-10G-LR-C ATGBICS-SFPP-10G-LR-C Datasheet
366Kb / 10P
   SFPP-10G-LR Napatech Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-10G-SR-C ATGBICS-SFPP-10G-SR-C Datasheet
375Kb / 10P
   SFPP-10G-SR Napatech Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-10GE-LR-C ATGBICS-SFPP-10GE-LR-C Datasheet
366Kb / 10P
   SFPP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-10GE-LR10-C ATGBICS-SFPP-10GE-LR10-C Datasheet
366Kb / 10P
   SFPP-10GE-LR10 Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-10GE-SR-C ATGBICS-SFPP-10GE-SR-C Datasheet
375Kb / 10P
   SFPP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SFPP014-L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPP-3120-L PULSE-SFPP-3120-L Datasheet
322Kb / 4P
   SFP PLUS 2 BY 4 CAGECONNECTOR_P
SFPP-3126-L PULSE-SFPP-3126-L Datasheet
433Kb / 4P
   SFP PLUS 2 BY 4 CAGECONNECTOR_P
SFPP-3133-L PULSE-SFPP-3133-L Datasheet
250Kb / 4P
   SFP PLUS 2 BY 2 CAGECONNECTOR_P
SFPP-3130-L PULSE-SFPP-3130-L Datasheet
266Kb / 4P
   SFP PLUS 2 BY 2 CAGECONNECTOR_P
SFPP-3131-L PULSE-SFPP-3131-L Datasheet
260Kb / 4P
   SFP PLUS 2 BY 2 CAGECONNECTOR_P
SFP0-3027-L PULSE-SFP0-3027-L Datasheet
293Kb / 4P
   SFP 2 BY 4 CAGECONNECTOR_P
SFP004-L PULSE-SFP004-L Datasheet
334Kb / 4P
   SFP 2 BY 2 CAGECONNECTOR_P
SFP005-03-L PULSE-SFP005-03-L Datasheet
425Kb / 4P
   SFP 2 BY 6 CAGECONNECTOR_P
SFP032-L PULSE-SFP032-L Datasheet
368Kb / 4P
   SFP 2 BY 8 CAGECONNECTOR_P
SFP0-3010-L PULSE-SFP0-3010-L Datasheet
368Kb / 4P
   SFP 2 BY 6 CAGECONNECTOR_P
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com