Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCR8819M3 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HCR8819M3
Description  Conformance to RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HCR8819M3 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HCR8819M3 Datasheet HTML 1Page - Laird Tech Smart Technology HCR8819M3 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
880-960 MHz/1710-1880 MHz/1850-1990 MHz
Rotatable Shell Omni-Directional Antenna
HCR8819M3
THE HCR ROTATABLE SHELL OMNIDIRECTIONAL ANTENNA – WHEN
HIGH PERFORMANCE IS DESIRED & EXTREME RUGGEDNESS & LOW
PROFILE IS REQUIRED.
The Laird
Patent Pending HCR Rotatable Shell Omnidirectional Antenna is a tough low-profile
antenna for outdoor or indoor applications. This antenna provides frequency agility, low visibility,
wide bandwidth and a low angle radiation pattern that is superior to traditional gain antennas in
most applications.
The
HCR Rotatable Shell Omnidirectional Antenna is available in various industry standard
mounting configurations including a threaded permanent stud mount model for vandal resistant
mounting on brackets, panels, ceilings or any other kind of housing.
FEATURES AND BENEFITS
Multi-band operation: 824-894 MHz /
1
710-1880 MHz/1850-1990 MHz
Meets IP67 protection rating for dust tight
seal and temporary water immersion.
Permanent mount provides vandal resistant
protection for remote installations.
Conformance to RoHS
MARKETS
Security / Public Safety
Commercial & Industrial - M2M
Transportation
Electric, Gas, & Water Utilities
Retail, Consumer & Home
Fixed Radio Applications
SPECIFICATIONS
VSWR (Typ)
Polarization
Azimuth Beam Width
Max Power (Ambient 25o C)
Antenna Dimension (H x Dia)
Weight
Antenna Color
Radome
Wind Survival
Operating Temperature
Storage Temperature
Ingression Protection
RoHS Compliance
HCR
8819M3PBN-001 P mount black no logo
HCR8819M3WBN-001 P mount white no logo
HCR
8819M3NBN-001 NMO mount black no logo
HCR
8819M3NWN-001 NMO mount white no logo
VSWR (Max)
Frequency Bands, MHz
Peak Gain, dBi (Typ)
Peak Gain, dBi (Max)
Nominal Impedance
1710-1880
1850-1990
2.6
3.0
3.0
3.1
<1.5:1
<1.4:1
<2.0:1
<2.0:1
50 Ω
Vertical (Linear)
360o, Omnidirectional
50 Watts
83.8 x 36.5 mm (3.3" x 1.43")
106g (.23 lbs)
Black
PC, UV Stable, UL 94V0 Material
282 km/h (175 mph)
-30oC - +70oC
-40oC - +85oC
IP67
YES
www.lairdtech.com
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
880-960
2.0
2.3
<1.3:1
<2.0:1


Similar Part No. - HCR8819M3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
HCR8065M3NBL-001 LSTD-HCR8065M3NBL-001 Datasheet
310Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3NBL-001 LSTD-HCR8065M3NBL-001 Datasheet
513Kb / 2P
   Conformance to RoHS
HCR8065M3NBN-001 LSTD-HCR8065M3NBN-001 Datasheet
311Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
HCR8065M3NBN-001 LSTD-HCR8065M3NBN-001 Datasheet
513Kb / 2P
   Conformance to RoHS
More results

Similar Description - HCR8819M3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DBA6927C1 LSTD-DBA6927C1 Datasheet
2Mb / 2P
   Conformance to RoHS
OP24516DS LSTD-OP24516DS Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8210M3 LSTD-HCR8210M3 Datasheet
1Mb / 2P
   Conformance to RoHS
DBA6927C1-FSMAF LSTD-DBA6927C1-FSMAF Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
OP51508T LSTD-OP51508T Datasheet
1Mb / 2P
   Conformance to RoHS
PAV69278O LSTD-PAV69278O Datasheet
1Mb / 3P
   Conformance
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
M/A-COM Technology Solu...
28478-ERR-003-A MA-COM-28478-ERR-003-A_15 Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
28478-ERR-003-A MA-COM-28478-ERR-003-A Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com