Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6351A Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6351A
Description  CHARGE PUMP VOLTAGE INVERTER IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6351A Datasheet HTML 1Page - Torex Semiconductor XC6351A Datasheet HTML 2Page - Torex Semiconductor XC6351A Datasheet HTML 3Page - Torex Semiconductor XC6351A Datasheet HTML 4Page - Torex Semiconductor XC6351A Datasheet HTML 5Page - Torex Semiconductor XC6351A Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XC6351A Series
628
8
■Packaging Information
GSOT-26
■Pin Configuration
■Pin Assignment
■Product Classification
GOrdering Information
5
6
4
2
1
3
GND
CE/
C1+
C1-
SOT-26
(TOP VIEW)
PIN NUMBER
SYMBOL
FUNCTION
GND
C1+
Reverse Output
Power Supply
C1-
External Capacitor +Pin
Chip Enable (Low Active)
VOUT
VIN
CE/
VIN
VOUT
External Capacitor -Pin
Ground
SYMBOL
120
Oscillation frequency 120kHz
Oscillation frequency 35kHz (custom)
035
M
R
Embossed Tape Standard feed
Embossed Tape Reverse feed
L
XC6351A
DESCRIPTION
Package SOT-26
qwert
qwe
r
t
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
08S_02XC6351A 02.09.12 15:31 ページ 628


Similar Part No. - XC6351A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A035DL TOREX-XC6351A035DL Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A035DL TOREX-XC6351A035DL Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
More results

Similar Description - XC6351A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351 TOREX-XC6351_V01 Datasheet
447Kb / 11P
   Charge Pump Voltage Inverter IC
logo
Mitsumi Electronics, Co...
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com