Electronic Components Datasheet Search |
|
5787543-3 Datasheet(PDF) 6 Page - Tyco Electronics |
|
5787543-3 Datasheet(HTML) 6 Page - Tyco Electronics |
6 / 32 page 11 Catalog 82068 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 1-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 AMPLIMITE .050 Series Vertical Receptacle Headers, with ACTION PIN Tails, Series III AMPLIMITE Subminiature D Connectors Note: All part numbers are RoHS compliant. 2-56 Thread 2 Plc. L Last Position Position 1 Position 2 .406 [10.31] P Mating Face Typ. Typ. .351 [8.92] .150 [3.81] .275 [2.98] Typ. .350 [8.89] Typ. R M S ±.015 [±0.38] Materials: Housings—Thermoplastic, 94V-0 rated, black, SMT compatible Shell—Carbon steel, plated bright tin over copper Bracket—Zinc, plated nickel over copper Contacts—Phosphor bronze, duplex plated .000030 [0.00076] min. gold on mating end; tin on solder end; all under- plated nickel Technical Documents: Product Specifications— 108-1228-2 Application Specifications— 114-40029 Note: Extra pin contact protection is provided by rails, which facilitate a straight-out unmat- ing motion. A side-to-side rocking motion should not be used to disengage the connector system. No. of Dimensions Part Numbers Pos. L M P R S w/ Rails & Latchblocks w/ Latchblocks Plain 20 1.080 .915 .450 1.315 .173 5786554-1 — — 27.43 23.24 11.43 33.40 4.39 26 1.230 1.065 .600 1.465 .173 5786554-2 — — 31.34 27.05 15.24 37.21 4.39 .173 5786554-5 5786155-5 5786555-5 50 1.830 1.665 1.200 2.065 4.39 46.48 42.29 30.48 52.45 .280 5786556-5 — — 7.11 .173 5786554-7 5786155-7 5786555-7 68 2.280 2.115 1.650 2.515 4.39 57.91 53.72 41.91 63.88 .280 — 786155-7 5786557-7 7.11 100 3.080 2.915 2.450 3.315 .173 5786554-9 — 5786555-9 78.23 74.04 62.23 84.20 4.39 120 3.580 3.415 2.950 3.815 .173 1-5786554-0 — — 90.93 86.74 74.93 96.90 4.39 Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts. Part Number 786554-1 Part Number 786554-7 Part Number 786155-7 |
Similar Part No. - 5787543-3 |
|
Similar Description - 5787543-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |