Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9430WV24I Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9430WV24I
Description  Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9430WV24I Datasheet(HTML) 5 Page - Xicor Inc.

  X9430WV24I Datasheet HTML 1Page - Xicor Inc. X9430WV24I Datasheet HTML 2Page - Xicor Inc. X9430WV24I Datasheet HTML 3Page - Xicor Inc. X9430WV24I Datasheet HTML 4Page - Xicor Inc. X9430WV24I Datasheet HTML 5Page - Xicor Inc. X9430WV24I Datasheet HTML 6Page - Xicor Inc. X9430WV24I Datasheet HTML 7Page - Xicor Inc. X9430WV24I Datasheet HTML 8Page - Xicor Inc. X9430WV24I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
X9430
– Preliminary Information
Characteristics subject to change without notice.
5 of 21
REV 1.0 6/20/00
www.xicor.com
The two least significant bits in the ID byte select one of
four devices on the bus. The physical device address is
defined by the state of the A0-A1 input pins. The X9430
compares the serial data stream with the address input
state; a successful compare of both address bits is
required for the X9430 to successfully continue the
command sequence. The A0–A1 inputs can be actively
driven by CMOS input signals or tied to VCC or VSS.
The remaining two bits in the slave byte must be set to 0.
Figure 1. Identification Byte Format
Instruction Byte
The next byte sent to the X9430 contains the instruc-
tion and register pointer information. The four most sig-
nificant bits are the instruction. The next four bits point
to one of the WCRs of the two pots, and when applica-
ble, they point to one of four associated data registers.
The format is shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits of the instruction byte specify
the operation. The next two bits (R1 and R0) select one
of the four registers that is to be acted upon when a
register oriented instruction is issued. The last bit (P0)
selects which one of the two potentiometers is to be
affected by the instruction.
Four of the ten instructions are two bytes in length and
end with the transmission of the instruction byte.
The basic sequence of the two byte instructions is illus-
trated
in
Figure
3.
These
two-byte
instructions
exchange data between a wiper counter register and
one of the four data registers associated with each. A
transfer from a data register to a wiper counter register
is essentially a write to a static RAM. The response of
the wiper to this action will be delayed tWRL. A transfer
from the wiper counter register (current wiper position)
to a data register is a write to nonvolatile memory and
takes a minimum of tWR to complete. The transfer can
occur between one of the two potentiometers and one
of its associated registers; or it may occur globally,
wherein the transfer occurs between both of the poten-
tiometers and one of their associated registers.
Five instructions require a three-byte sequence to com-
plete. These instructions transfer data between the
host and the X9430; either between the host and one
of the data registers or directly between the host and
the Wiper Counter and Registers. These instructions
are: 1) Read Wiper Counter Register, read the current
wiper position of the selected pot 2) Write Wiper
Counter Register, i.e. change current wiper position of
the selected pot; 3) Read Data Register, read the con-
tents of the selected nonvolatile register; 4) Write Data
Register, write a new value to the selected data register;
5)Read Status, returns the contents of the WIP bit which
indicates if an internal write cycle is in progress.
The sequence of these operations is shown in Figure 4
and Figure 5.
The final command is Increment/Decrement. It is differ-
ent from the other commands, because it’s length is
indeterminate. Once the command is issued, the mas-
ter can clock the selected wiper up and/or down in one
resistor segment steps; thereby, providing a fine tuning
capability to the host. For each SCK clock pulse (tHIGH)
while SI is HIGH, the selected wiper will move one
resistor segment towards the VH terminal. Similarly, for
each SCK clock pulse while SI is LOW, the selected
wiper will move one resistor segment towards the VL
terminal. A detailed illustration of the sequence and
timing for this operation are shown in Figure 6 and
Figure 7.
1
00
00
A1
A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
0
P0
WCR Select
Register
Select
Instructions


Similar Part No. - X9430WV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9430WV24I INTERSIL-X9430WV24I Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430WV24I-2.7 INTERSIL-X9430WV24I-2.7 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
More results

Similar Description - X9430WV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com