Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74UL08AA Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74UL08AA
Description  CMOS LOGIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74UL08AA Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74UL08AA Datasheet HTML 1Page - Torex Semiconductor XC74UL08AA Datasheet HTML 2Page - Torex Semiconductor XC74UL08AA Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMOS Logic
981
13
■General Description
■Features
■Applications
The XC74UL08AA is a 2-input CMOS AND gate, manufactured using
silicon gate CMOS fabrication.
CMOS low power circuit operation makes high speed LS-TTL operations
achievable.
With a wave forming buffer connected internally, stabilized output can be
achieved as the circuit offers high noise immunity.
As the XC74UL08AA is integrated into mini molded, SSOT-25 and SOT-
25 packages, high density mounting is possible.
High Speed Operation
: tpd=2.6ns TYP
Operating Voltage Range : 2V~5.5V
Low Power Consumption:1
µA (max)
Ultra Small Package
: SSOT-25 and SOT-25
GPalmtops
GDigital Equipment
NCMOS 2-Input AND Gate
NHigh Speed Operation
: tpd=2.6ns TYP
NOperating Voltage Range : 2V~5.5V
NLow Power Consumption : 1µA (max)
■Pin Configuration
■Function
■Absolute Maximum Ratings
H=High level, L=Low level
INPUT
ABY
LLL
LHL
HL
L
HHH
OUTPUT
Ta=-40
°C~85°C
PARAMETER
RATINGS
UNITS
SYMBOL
Power Supply Voltage
-0.5 ~ +6.0
V
VCC
Input Voltage
-0.5 ~ +6.0
V
VIN
Output Voltage
-0.5 ~ VCC +0.5
V
VOUT
Input Diode Current
-20
mA
IIK
Output Diode Current
±20
mA
IOK
Output Current
±25
mA
IOUT
VCC ,GND Current
±50
mA
ICC, IGND
Continuous Total
Power Dissipation (Ta=55
°C)
150
mW
Pd
Storage Temperature
-65 ~ +150
°C
Tstg
Note: Voltage is all Ground standardized.
2
1
3
4
5
B
A
GND
Vcc
Y
SSOT-25/SOT-25
(TOP VIEW)
13S_34XC74UL(08AAN) 02.09.12 16:10 ページ 981


Similar Part No. - XC74UL08AA

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
155Kb / 4P
   CMOS Logic
XC74UL08AA-12 TOREX-XC74UL08AA-12 Datasheet
160Kb / 4P
   CMOS Logic
XC74UL08AA_002 TOREX-XC74UL08AA_002 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL08AA TOREX-XC74UL08AA_12 Datasheet
160Kb / 4P
   CMOS Logic
XC74UL08AA TOREX-XC74UL08AA_15 Datasheet
160Kb / 4P
   CMOS Logic
More results

Similar Description - XC74UL08AA

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com