Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFT751474PEXEEXDPESL-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # VFT751474PEXEEXDPESL-PF
Description  TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

VFT751474PEXEEXDPESL-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  VFT751474PEXEEXDPESL-PF Datasheet HTML 1Page - Advanced Crystal Technology VFT751474PEXEEXDPESL-PF Datasheet HTML 2Page - Advanced Crystal Technology VFT751474PEXEEXDPESL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TFCT75 Series
 Programmable device, Fast lead time
 Recommended for non standard frequency 
 Low jitter and low phase noise
 ESD sensitive device, Moisture sensitive level (MSL) ‐ 1
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom   3.0MHz ~ 200.0MHz
 
 Supply voltage
Vcc   2.8V, 3.0V, 3.3V
 
 Initial frequency tolerance  
F_tol  <±2.0ppm  at +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.3ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.3ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 at +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output Wave Form
  HCMOS
 Output voltage high
Voh   90% Vcc min. 
 Output voltage low
Vol  10% Vcc max. 
 Output load
 15pF
 Current consumption 
Icc   10mA max [25MHz] ; 20mA max [200MHz]         at +25°C
 Rise and fall time
Tr, Tf  10ns max.  20% to 80% of wave form. 
 Duty cycle
SYM  45%/55%, 40%/60%
 Measured at 50% Vcc.
 Start‐up time
T_str  5.0m sec (typ.), 10.0m sec. (Max.)
 Reach 90% amplitude at +25°C±2°C
 VC‐TCXO Option Only
 Control voltage
 Vc  1.5V ± 1.0V
 for all supply voltages
 Frequency tuning (ppm)
 ±5.0ppm min. 
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 Positive voltage for positive frequency  shift 
 Input impedance  50.0MΩ min
 Modulation bandwidth  20.0kHz min
 Table 1 Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√
‐10°C to 60°C 
Enq.
√√√√
‐20°C to 70°C 
X
√√√√
‐30°C to 75°C 
X
√√√√
‐30°C to 85°C 
X
√√√√
‐40°C to 85°C 
XEnq.
√√√√
             Phase Noise (133.33MHz example)                     dBc/Hz typical
10Hz
‐70
100Hz
‐91
1kHz
‐95
10kHz
‐91
100kHz
‐85
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply Voltage
Advanced Crystal Technology (A wholly owned Acal Bfi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS, Programmable
7.5
1.4
5.08
1.8
5.08
Top view
Bottom view
Land pattern
1
2
3
4
4
1
2
3
Dimensions (Unit:mm)


Similar Part No. - VFT751474PEXEEXDPESL-PF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT760 VISHAY-VFT760 Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
VFT760 VISHAY-VFT760 Datasheet
134Kb / 4P
   Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VFT760-E3 VISHAY-VFT760-E3 Datasheet
141Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 15-Dec-16
VFT760-E3 VISHAY-VFT760-E3 Datasheet
200Kb / 6P
   Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VFT760-M3-4W VISHAY-VFT760-M3-4W Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
More results

Similar Description - VFT751474PEXEEXDPESL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com