Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61240TDRVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61240TDRVRQ1
Description  3.5-MHz High Efficiency Step-Up Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61240TDRVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61240TDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS61240TDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1
GND
6
V
IN
2
V
OUT
5
L
3
FB
4
EN
Not to scale
Thermal
Pad
4
TPS61240-Q1
SLVSAO4B – DECEMBER 2010 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPS61240-Q1
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin WSON With Exposed Thermal Pad
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND
GND
Power ground and IC ground
2
VOUT
O
Output Supply pin. Connected to the load
3
FB
I
Feedback for regulation.
4
EN
I
Positive polarity. Low = IC shutdown.
5
L
I
Inductor connection to FETs
6
VIN
I
Supply from battery
PAD
For good thermal performance, this pad must be soldered to the land pattern on the PCB


Similar Part No. - TPS61240TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240DRV TI-TPS61240DRV Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240DRVR TI-TPS61240DRVR Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com