Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSM846C23MOLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM846C23MOLR
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23MOLR Datasheet(HTML) 1 Page - Texas Instruments

  TPSM846C23MOLR Datasheet HTML 1Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 2Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 3Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 4Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 5Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 6Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 7Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 8Page - Texas Instruments TPSM846C23MOLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
TPSM846C23
VIN
PGND
VIN
VOUT
VS+
DIFFO
PGND
VS-
CLK
ALERT
DATA
PMBUS
INTERFACE
AGND
VOUT
FB
ADDR1
ADDR0
PGND
CNTL
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPSM846C23
SLVSDF3 – MARCH 2017
TPSM846C23 4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
1
1 Features
1
Complete Integrated PMBus™ Power Solution
Stackable up to 70A with Current Sharing
Output Voltage Range 0.35V to 2.0V
Output Voltage Accuracy as tight as 0.5%
300 kHz – 1 MHz Switching Frequency Range
Synchronization to an External Clock
Differential Remote Sense
Power Good Output
Pre-bias Output Monotonic Start-up
Programmable via PMBus
Overcurrent Protection
UVLO, Soft-Start, Soft-Stop
Turn-On and Turn-Off Delays
Fault Responses
Operating IC Junction Range: –40°C to 125°C
Operating Ambient Range: –40°C to 105°C
MSL3 / 260°C peak / 3× Reflow
Create a Custom Design Using the TPSM846C23
With the WEBENCH® Power Designer
2 Applications
Compact PCI / PCI Express / PXI Express
Broadband and Communications Infrastructure
Automated Test and Medical Equipment
DSP and FPGA Point-of-Load Applications
3 Description
The TPSM846C23 is a 35-A fixed-frequency step
down power module that is PMBus compliant and
supports PMBus commands that allow for the
configuration, control, and monitoring of key power
regulator functions. The module incorporates the
controller, power MOSFETs, inductor, and associated
components into a rugged, thermally enhanced,
surface mount package. The user supplies the input
and output capacitors along with a few other passive
components to set the operating parameters of the
module. Two modules can be configured to work in
parallel to provide up to a 70-A, two-phase power
solution.
The
PMBus
interface
provides
for
converter
configuration of Output Voltage, UVLO, Soft Start,
Soft Stop, Over-Current, and Thermal shutdown
parameters.
The
interface
provides
support
for
telemetry that can report the actual output voltage,
output current, and device temperature. Standard
PMBus “warning” and “fault” functions are also
supported.
The
device
supports
PMBus
communication speeds up to 400 kHz, and supports
a subset of the commands in the PMBus 1.3
specification.
The 15 mm × 16 mm PCB footprint is easy to solder
onto a printed circuit board and allows a compact,
point-of-load design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPSM846C23
MOL (59)
15 mm × 16 mm × 5.8 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TPSM846C23MOLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
More results

Similar Description - TPSM846C23MOLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com