Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP468 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468 Datasheet(HTML) 4 Page - Texas Instruments

  TMP468 Datasheet HTML 1Page - Texas Instruments TMP468 Datasheet HTML 2Page - Texas Instruments TMP468 Datasheet HTML 3Page - Texas Instruments TMP468 Datasheet HTML 4Page - Texas Instruments TMP468 Datasheet HTML 5Page - Texas Instruments TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
TMP468
SBOS762 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply
V+
–0.3
6
V
Input voltage
THERM, THERM2, SDA, SCL and ADD only
–0.3
6
V
D+1 through D+8
–0.3
((V+) + 0.3)
and
≤ 6
D- only
–0.3
0.3
Input current
SDA Sink
–25
mA
All other pins
–10
10
Operating temperature
–55
150
°C
Junction temperature (TJ max)
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), JEDEC specification JESD22-C101(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.7
3.6
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TMP468
UNIT
YFF (DSBGA)
16 PINS
RθJA
Junction-to-ambient thermal resistance
76
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
13
°C/W


Similar Part No. - TMP468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468AIYFFR TI1-TMP468AIYFFR Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468AIYFFT TI1-TMP468AIYFFT Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
More results

Similar Description - TMP468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
[Old version datasheet]   TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
[Old version datasheet]   High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com