Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G690H463T76 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G690H463T76
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690H463T76 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G690H463T76 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690H463T76 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G690/G691
Global Mixed-mode Technology Inc.
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull RESET Output (G690L)
Push-Pull RESET Output (G690H)
Open-Drain RESET Output (G691L)
140ms min Power-On Reset Pulse Width
10µA Supply Current
Guaranteed Reset Valid to VCC = +1V
Power Supply Transient Immunity
No External Components
3-Pin SOT89, SOT23 and SC70 Packages
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G690/G691 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V- pow-
ered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset
threshold. Reset thresholds suitable for operation with
a variety of supply voltages are available.
The G691L has an open-drain output stage, while the
G690 have push-pull outputs. The G691L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G690L
have an active-low RESET output, while the G690H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 1V.
Low supply current makes the G690/G691 ideal for
use in portable equipment. The G690/G691 are avail-
able in 3-pin SOT89 or SOT23 or SC70 packages.
Pin Configuration
Typical Application
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
G690/G691
V
CC
R
PULL-UP
V
CC
*
*G691 ONLY
SOT23/SC70
SOT 89
1
2
12
3
3
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
G690/G691
V
CC
R
PULL-UP
V
CC
*
*G691 ONLY
SOT23/SC70
SOT 89
1
2
12
3
3


Similar Part No. - G690H463T76

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
More results

Similar Description - G690H463T76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com