Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H4K109-W1U035B1-YY Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # H4K109-W1U035B1-YY
Description  HPK STRAIGHT PLUG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

H4K109-W1U035B1-YY Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  H4K109-W1U035B1-YY Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H4K109-W1U035B1-YY Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Sheet
HPK
STRAIGHT PLUG
H4K109-W1U035B1-YY
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
3 / 4
Mechanical data
Mating cycles
 50
Engagement force
≤ 75 N
Coding efficiency
300 N
Cable connection angle
180°
IP class (mated)
IP6K9K / IPX8 / IPXXD
IP class (unmated)
IPXX2B
Vibration class
LV215 PG17-II
(Random: DIN EN 60068-2-64)
(Sinus: DIN EN 60068-2-6)
(Shock: DIN EN 60068-2-27)
Environmental data
Temperature range
-40°C to +140°C
RoHS
compliant
Tooling
Welding tool
see RN_087-04
Crimping tool
see MA_HV0008
Suitable cables
Cable Type
35 mm² (LV 216-2)
Validated Cables
Coroplast:
Part No.:
9-2611 / 35mm²
Type:
FHLR2GCB2G, 35mm²
KROSCHU:
Part No.:
64996018
Type:
FHLALR2GCB2G, 35mm²
Packing
Standard
for packing see data sheets of piece parts
Weight
103 g/pce


Similar Part No. - H4K109-W1U035B1-YY

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K109-W1U016B1-YY ROSENBERGER-H4K109-W1U016B1-YY Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZA ROSENBERGER-H4K109-W1U016B1-ZA Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZB ROSENBERGER-H4K109-W1U016B1-ZB Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U016B1-ZC ROSENBERGER-H4K109-W1U016B1-ZC Datasheet
264Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W1U025B1-YY ROSENBERGER-H4K109-W1U025B1-YY Datasheet
296Kb / 4P
   HPK STRAIGHT PLUG
More results

Similar Description - H4K109-W1U035B1-YY

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H4K110-W2U050B1-Y ROSENBERGER-H4K110-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W2U025B1-Y ROSENBERGER-H4K112-W2U025B1-Y Datasheet
419Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U016B1-Y ROSENBERGER-H4K109-W2U016B1-Y Datasheet
332Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U025B1-Y ROSENBERGER-H4K109-W2U025B1-Y Datasheet
335Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U050B1-Y ROSENBERGER-H4K109-W2U050B1-Y Datasheet
357Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U016B1-Y ROSENBERGER-H4K110-W2U016B1-Y Datasheet
331Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U025B1-Y ROSENBERGER-H4K110-W2U025B1-Y Datasheet
334Kb / 4P
   HPK STRAIGHT PLUG
H4K110-W2U035B1-Y ROSENBERGER-H4K110-W2U035B1-Y Datasheet
355Kb / 4P
   HPK STRAIGHT PLUG
H4K112-W1U050B1-YY ROSENBERGER-H4K112-W1U050B1-YY Datasheet
400Kb / 4P
   HPK STRAIGHT PLUG
H4K109-W2U035B1-Y ROSENBERGER-H4K109-W2U035B1-Y Datasheet
354Kb / 4P
   HPK STRAIGHT PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com