Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2K101-W2A035B1-C Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # H2K101-W2A035B1-C
Description  HVR200 STRAIGHT JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

H2K101-W2A035B1-C Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  H2K101-W2A035B1-C Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H2K101-W2A035B1-C Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H2K101-W2A035B1-C Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG H2K101-W2A035B1-C Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data Sheet
HVR200
STRAIGHT JACK
H2K101-W2A035B1-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 4
Material and plating
Connector parts
Material
Plating/Colour
Housing
PA12
Orange
Mounting Bracket
PA12
Orange
Insulator 1
PBT
Black
Insulator 2
PA10T
Black
C-Ring
PA10T
Black
Sealing cap
PA12
Black
Centre Contact
Copper
Ag, min. 3 µm
Contact Spring
Copper
Ag, min. 3 µm
Outer Contact
Brass
Ag, min. 0.5 µm
Contact Sleeve
Spring Bronze
Ag, min. 0.5 µm
HVIL contact
Spring bronze
Ag, min. 0.5 µm
Retaining ring
Spring bronze
Ni, min. 3 µm
Seal (housing)
Silicone
Red, oil exudating
Seal (cable)
Silicone
Black
Screw
Steel
DBL8451.72
Screw holder/ Screw clip
Spring bronze
DBL8451.72
Protection cap
PP
Black
Electrical data
Insulation resistance
> 200 MΩ
Voltage class
B
60 V_DC < U ≤ 1500 V_DC
Contact resistance (Current)
≤ 0,78 mΩ
Contact resistance (EMI)
≤ 10mΩ
Test voltage
2700 VDC
Working voltage
750 VDC
Ampacity
see chart
According to DIN EN 60512-5-2
EMI (shielding effectiveness)
< 5 mΩ/m at 2MHz, <10mΩ/m
< 10 mΩ/m at 30 MHz, <50mΩ/m
High Voltage Interlock (HVIL)
Yes
Power pins min. 1mm advanced


Similar Part No. - H2K101-W2A035B1-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H2K101-W2A016B1-A ROSENBERGER-H2K101-W2A016B1-A Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-B ROSENBERGER-H2K101-W2A016B1-B Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-C ROSENBERGER-H2K101-W2A016B1-C Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-Y ROSENBERGER-H2K101-W2A016B1-Y Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-Z ROSENBERGER-H2K101-W2A016B1-Z Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
More results

Similar Description - H2K101-W2A035B1-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
H2K101-W2A025B1-Y ROSENBERGER-H2K101-W2A025B1-Y Datasheet
751Kb / 4P
   HVR200 STRAIGHT JACK
H2K101-W2A016B1-Y ROSENBERGER-H2K101-W2A016B1-Y Datasheet
746Kb / 4P
   HVR200 STRAIGHT JACK
H2S101-02-000B1-Y ROSENBERGER-H2S101-02-000B1-Y Datasheet
157Kb / 3P
   HVR200 STRAIGHT PLUG
H2S204-02-000B1-Y ROSENBERGER-H2S204-02-000B1-Y Datasheet
178Kb / 3P
   HVR200 RIGTH ANGLE PLUG
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com