Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2057294-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2057294-1
Description  Insulated tap assemblies include a housing for protection from other components on the pc board.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2057294-1 Datasheet(HTML) 1 Page - Tyco Electronics

  2057294-1 Datasheet HTML 1Page - Tyco Electronics 2057294-1 Datasheet HTML 2Page - Tyco Electronics 2057294-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Instruction Sheet
Installation and Removal
of Power Tap Assemblies
408-10260
LOC B
1 of 3
E2009 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
12 JAN 09 Rev A
(with Eye-of-the-Needle Contacts)
NOTE: Mounting Screw and Washer(s) Not Supplied by Tyco Electronics
Contacts
Housing
6-Position
Power Tap Assembly
10-Position
Power Tap Assembly
Straddle Mount
10-Position
Power Tap Assembly
Stand-Off
(4) Places
PROFILE
PART NUMBER
NUMBER OF
POSITIONS (Contacts)
CENTERLINE SPACING
mm [in.]
Standard
2057292-1
6
3.18 X 6.35 [.125 X .250]
Standard
2057293-1
10
3.18 X 6.35 [.125 X .250]
Straddle Mount
2057294-1
10
3.0 X 11.0 [.118 X .433]
Figure 1
1. INTRODUCTION
The Power Tap Assemblies (with Eye–of–the–Needle
Contacts ) listed in Figure 1 are designed to be
mounted onto a printed circuit (pc) board to provide
high current to the pc board. The taps can also be
connected to a bus bar or terminal. Read these
instructions thoroughly before installing any tap
assemblies.
Dimensions in this instruction sheet are in
millimeters[with inchesin brackets]. Figuresare
for reference only and are not drawn to scale.
2. DESCRIPTION (Figure 1)
Each tap assembly features a tap with six or ten
contacts. A screw is NOT included with the tap
assemblies.
Insulated tap assemblies include a housing for
protection from other components on the pc board.
The tap or housing has standoffs that are used for
inspection of proper seating on the pc board.
3. TOOLING
Customer supplied tooling for seating the Power Tap
Assemblies shall be designed using the dimensions
provided in Figures 2 and 3.
Make sure that the front and the sides of the
support block are parallel when installed in power
unit.
Power for seating taps must be provided by
application tooling capable of supplying a downward
force of 1780 Newtons (N) [400 lb]. The power unit
must have sufficient throat depth to accommodate
various positions on the pc board. In addition, the
power unit must have provision for ram adjustment to
prevent under– or over–insertion.
NOTE
i
NOTE
i


Similar Part No. - 2057294-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2057 BOURNS-2057 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
logo
Heyco.
2057 HEYCO-2057 Datasheet
137Kb / 1P
   Snub Bushings
logo
Bourns Electronic Solut...
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2057-07-BLF BOURNS-2057-07-BLF Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
More results

Similar Description - 2057294-1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5744 ATMEL-T5744_97 Datasheet
365Kb / 19P
   Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
logo
STMicroelectronics
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
   Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
logo
Tyco Electronics
408-8647 MACOM-408-8647 Datasheet
97Kb / 2P
   Press down evenly on the tool until the rear leg bottoms on the pc board.
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
   Topics discussed include the following
logo
Ralston Instruments.
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T_19 Datasheet
495Kb / 1P
   Connect to a Quick-test hose on one side and a tube fitting on the other
logo
WALSIN TECHNOLOGY CORPO...
RGFRA1903041A1T WALSIN-RGFRA1903041A1T Datasheet
514Kb / 12P
   Allow placing other components besides antenna or on the backside of PCB right underneath antenna
RGFRA9937380A3T WALSIN-RGFRA9937380A3T Datasheet
403Kb / 10P
   Allow placing other components besides antenna or on the backside of PCB right underneath antenna
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
STMicroelectronics
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
   Demonstration board based on VIPer06 from the fixed-frequency VIPer??plus family
June 2013 Rev 1
logo
PANDUIT CORP.
PCSB250-2-6Y PANDUIT-PCSB250-2-6Y Datasheet
204Kb / 1P
   MULTI-TAP INSULATED CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com