Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB10F Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MB10F
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MB10F Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MB10F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MB10F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MB10F Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SILICON BRIDGE RECTIFIERS
MB4F--MB10F
Document Number: MBF701AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
MB4F--MB10F
MBF
5000/Tape&Reel
MBF
Dim
Min
Max
A
4.6
5
B
4.4
4.8
C
1.1
1.3
D
5.4
5.8
E
0.15
0.25
F
0.7
1.1
I
0.5
0.8
K
2.35
2.65
All Dimensions in mm


Similar Part No. - MB10F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB10F PACELEADER-MB10F Datasheet
241Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB10F YFWDIODE-MB10F Datasheet
509Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
MAKO SEMICONDUCTOR CO.,...
MB10F MAKOSEMI-MB10F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Ping Sheng Ele...
MB10F PFS-MB10F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
More results

Similar Description - MB10F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com