Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61822PTSN Datasheet(PDF) 5 Page - MTRONPTI

Part # M61822PTSN
Description  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61822PTSN Datasheet(HTML) 5 Page - MTRONPTI

  M61822PTSN Datasheet HTML 1Page - MTRONPTI M61822PTSN Datasheet HTML 2Page - MTRONPTI M61822PTSN Datasheet HTML 3Page - MTRONPTI M61822PTSN Datasheet HTML 4Page - MTRONPTI M61822PTSN Datasheet HTML 5Page - MTRONPTI M61822PTSN Datasheet HTML 6Page - MTRONPTI M61822PTSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
M618x Series
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
Handling Information
Although protection circuitry has been designed into the M618x oscillator, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body
model(HBM)andacharged-devicemodel(CDM)forESD-susceptibilitytestingandprotectiondesignevaluation.
ESDvoltagethresholdsaredependentonthecircuitparametersusedtodefinethemode.Althoughnoindustry-
widestandardhasbeenadoptedfortheCDM,astandardHBM(resistance=1500Ω, capacitance = 100 pF) is
widelyusedandthereforecanbeusedforcomparisonpurposes.TheHBMESDthresholdpresentedherewas
obtained using these circuit parameters.
Typical Test Circuits
Test Circuit - N Package
With Tristate
ATTENTION
Static Sensitive Devices
Handle only at Static
Safe Work Stations
Model
ESD Threshold, Minimum
Unit
HumanBody
1500*
V
Charged Device
1500*
V
* MIL-STD-833D, Method 3015, Class 1


Similar Part No. - M61822PTSN

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M6185-4007-SS RAF-M6185-4007-SS Datasheet
111Kb / 1P
   ROUND INTERNAL THREAD HANDLE
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
More results

Similar Description - M61822PTSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
   3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com