Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4002G Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4002G
Description  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4002G Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N4002G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4002G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1
10
100
30
TJ=125 C
8.3ms Single Half
sine-wave
0
15
1
10
0.01
1
10
100
100
0.1
4
TJ=25
f=1.0MHz
0.01
20
0.6
0.8
1.5
0.1
1
10
1.4
1.0
1.2
TJ=25
Pulse Width=300 s
0
25
50
75
150
100
0
0.6
0.8
1.0
175
0.4
0.2
125
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0269001
2.
RATINGSANDCHARACTERISTIC CURVES
1N4001G---1N4007G
LEAD TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2 -- TYPICAL INSTANTANEOUS FORWARD
VVVVVVVVVVCHARACTERISTICS
FIG.1 --FORWARD CURRENT DERATING CURVE
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz


Similar Part No. - 1N4002G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
DIOTEC Electronics Corp...
1N4002G DEC-1N4002G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Similar Description - 1N4002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com