Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF2512DR-071R5 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AF2512DR-071R5
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF2512DR-071R5 Datasheet(HTML) 3 Page - YAGEO Corporation

  AF2512DR-071R5 Datasheet HTML 1Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 2Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 3Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 4Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 5Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 6Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 7Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 8Page - YAGEO Corporation AF2512DR-071R5 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
3
9
SERIES
AF
0201 to 2512
MARKING
AF0201 / AF0402
No marking
AF0603 / AF0805 / AF1206 / AF1210 / AF2010 / AF2512
E-24 series: 3 digits, ±5%, ≥10Ω
First two digits for significant figure and 3rd digit for number of zeros
AF0603
E-24 series: 3 digits, ±1%
One short bar under marking letter
E-96 series: 3 digits, ±1%
First two digits for E-96 marking rule and 3rd letter for number of zeros
AF0805 / AF1206 / AF1210 / AF2010 / AF2512
Both E-24 and E-96 series: 4 digits, ±1%
First three digits for significant figure and 4th digit for number of zeros
AF1218
E-24 series: 3 digits, ± 5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ± 1%
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please see special data sheet “Chip resistors marking”. Marking of AF series is the same as RC series
Fig. 1
Fig. 2
Value=10 KΩ
03
Fig. 3
Value = 24 Ω
0
Fig. 5 Value = 10 KΩ
Fig. 4
Value = 12.4 KΩ
Fig. 6 Value = 10 KΩ
Fig. 7 Value = 10 KΩ
00


Similar Part No. - AF2512DR-071R5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AF2512G10ST SCHNEIDER-AF2512G10ST Datasheet
78Kb / 2P
   BUSWAY STRAIGHT LENGTH 1200A, INDOOR
AF2512G18ST SCHNEIDER-AF2512G18ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 1200A, INDOOR
AF2512G6ST SCHNEIDER-AF2512G6ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 1200A, INDOOR
More results

Similar Description - AF2512DR-071R5

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com