Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR37 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic/High Voltage Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 2 Page - Vishay Siliconix

  VR37 Datasheet HTML 1Page - Vishay Siliconix VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28733
2
Revision: 24-Feb-04
VR37
Vishay BCcomponents
High Ohmic/High Voltage Resistors
ORDERING INFORMATION
Ordering Code (12NC)
• The resistors have a 12-digit ordering code starting with
2322 242.
• The subsequent:
first digit for 1 % tolerance products (E24 and E96 series)
or 2 digits for 5 % (E24 series) indicate the resistor type
and packaging.
• The remaining digits indicate the resistance value:
– The first 3 digits for 1 % or 2 digits for 5 % tolerance
products indicate the resistance value.
– The last digit indicates the resistance decade.
Last Digit of 12NC Indicating Resistance Decade
Ordering Example
The ordering code for a VR37, resistor value 7.5 MΩ, 5 %
tolerance, supplied on a bandolier of 1000 units in
ammopack, is: 2322 242 13755.
RESISTANCE DECADE
LAST DIGIT
100 to 976 kΩ
4
1 to 9.76 MΩ
5
≥10 MΩ
6
DIMENSIONS
∅D
L1
L2
∅d
Outline.
DIMENSIONS
- resistor type and relevant physical dimensions
TYPE
∅D
MAX.
L1
MAX.
L2
MAX.
∅d
VR37
4.0
9.0
10.0
0.7 ± 0.03
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five coloured bands in accordance with
IEC publication 60062 “Colour codes for fixed resistors”.
Yellow and grey are used instead of gold and silver because
metal particles in the lacquer could affect high-voltage
properties.
OUTLINES
The length of the body (L1) is measured by inserting the leads
into holes of two identical gauge plates and moving these
plates parallel to each other until the resistor body is clamped
without deformation (“IEC publication 60294”).
MASS PER 100 UNITS
TYPE
MASS
(g)
VR37
53
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24/E12 series for resistors with a tolerance of ± 1 % or 5 %. The
values of the E96/E24 series are in accordance with “IEC publication 60063”.
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 155 °C.
LIMITING VALUES
TYPE
LIMITING VOLTAGE(1)
(V)
LIMITING POWER
(W)
DC
RMS
VR37
3500
2500
0.5


Similar Part No. - VR37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000003FA100 VISHAY-VR37000003FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25 VISHAY-VR25 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com