Electronic Components Datasheet Search |
|
M6182FHFCN Datasheet(PDF) 2 Page - MTRONPTI |
|
M6182FHFCN Datasheet(HTML) 2 Page - MTRONPTI |
2 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. 2 M618x Series 3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. Performance Characteristics Parameter Symbol Min. Typ. Max. Units Conditions/Notes Frequency Range FO 8 52 MHz Operating Temperature TA °C Storage Temperature TSTG -55 +125 °C Frequency Tolerance @ +25 °C ∆ F/F -1.0 +1.0 ppm For TCXO only Frequency Stability ∆ FT/F ppm (FMAX - FMIN)/2 Stability vs. Reflow -1.0 +1.0 ppm Frequency vs. Supply ∆ FVDD/F ±0.02 ±0.1 ppm For ±5% supply voltage variation Frequency vs. Load ∆ FLOAD/F ±0.02 ±0.1 ppm For ±5% load variation Aging (First Year) -1.0 +1.0 ppm F0 ≤ 20 MHz Aging (First Year) -2.0 +2.0 ppm F0 > 20 MHz Aging (10 Year) -3.0 +3.0 ppm F0 ≤ 20 MHz (includes first year) Aging (10 Year) -5.0 +5.0 ppm F0 > 20 MHz (includes first year Supply Voltage VDD V ±5% voltage tolerance Supply Current IDD 2.0 3.0 mA HCMOS output at 13 MHz (Reference to VDD = 3.3 V) 3.0 4.0 mA HCMOS output at 26 MHz 5.5 6.5 mA HCMOS output at 52 MHz 1.3 1.9 mA Clipped Sine Wave output at 13 MHz 1.7 2.3 mA Clipped Sine Wave output at 26 MHz 2.8 3.5 mA Clipped Sine Wave output at 52 MHz Output Logic Levels VOL 20 % VDD IOH/IOL = ±4 mA, VDD = +3.0 V (HCMOS) VOH 80 % VDD IOH/IOL = ±4 mA, VDD = +3.0 V Output Level VOUT 1.0 Vpk-pk F0 ≤ 40 MHz (Clipped Sine Wave) VOUT 0.8 Vpk-pk F0 > 40 MHz Symmetry (Duty Cycle) tDC 40 50 60 % Ref. to ½ VDD HCMOS Only Rise/Fall Time tR/tF 6.5 ns Ref. 10% to 90% HCMOS only Output Load HCMOS Output Clipped Sine Wave Output Frequency Adjustment -10 +10 ppm Over Control Voltage Range Control Voltage Range 0.3 1.50 2.7 V For VDD = 3.0 V 0.3 1.65 3.0 V For VDD = 3.3 V 0.5 2.50 4.5 V For VDD = 5.0 V Input Leakage Current -50 +50 µA Input Resistance 100 kΩ Linearity 5 % ModulationBandwidth 2 kHz Tristate Function 70 % VDD Output enabled. Logic “1” or “Open” 30 % VDD Output disabled. Logic “0” or “GND” Tristate Leakage Current -100 +100 µA Phase Noise -101 dBc/Hz @ 10 Hz Offset (Typical 12.8 MHz HCMOS @ 3.3 V) -130 dBc/Hz @ 100 Hz Offset -149 dBc/Hz @ 1 kHz Offset -155 dBc/Hz @ 10 kHz Offset -156 dBc/Hz @ 100 kHz Offset Shock Vibration Solderability Package Max Soldering Conditions MIL-STD-202, Method 213, Condition C (100 g) MIL-STD-202, Methods 201 & 204 (10 g from 10 Hz to 2000 Hz) EIAJ-STD-002 3.2 mm x 5.0 mm x 1.58 mm, SMT (RoHS Compliant) See solder profile (See Ordering Information) (See Ordering Information) 15 pF 10 kΩ || 10 pF (See Ordering Information) |
Similar Part No. - M6182FHFCN |
|
Similar Description - M6182FHFCN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |