Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2937-2.5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2937-2.5
Description  400mA and 500mA Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937-2.5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2937-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LM2937-2.5 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
TO-263 3-Lead Plastic Surface Mount Package
Order Number LM2937ES-2.5, LM2937ES-3.3,
NS Package Number TS3B
9
www.national.com


Similar Part No. - LM2937-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
More results

Similar Description - LM2937-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
   300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
   500mA CMOS Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com