Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2214TB-E4-A Datasheet(PDF) 9 Page - NEC

Part # UPG2214TB-E4-A
Description  NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2214TB-E4-A Datasheet(HTML) 9 Page - NEC

Back Button UPG2214TB-E4-A Datasheet HTML 3Page - NEC UPG2214TB-E4-A Datasheet HTML 4Page - NEC UPG2214TB-E4-A Datasheet HTML 5Page - NEC UPG2214TB-E4-A Datasheet HTML 6Page - NEC UPG2214TB-E4-A Datasheet HTML 7Page - NEC UPG2214TB-E4-A Datasheet HTML 8Page - NEC UPG2214TB-E4-A Datasheet HTML 9Page - NEC UPG2214TB-E4-A Datasheet HTML 10Page - NEC UPG2214TB-E4-A Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UPG2214TB
30
20
5
20
30
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
12
16
24 26
10
25
15
10
14
22
18
28
f = 2 GHz
Remark The graphs indicate nominal characteristics.


Similar Part No. - UPG2214TB-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2214TB-E4-A RENESAS-UPG2214TB-E4-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
More results

Similar Description - UPG2214TB-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG158TB CEL-UPG158TB Datasheet
211Kb / 8P
   쩍W L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK Datasheet
306Kb / 7P
   NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2008TK CEL-UPG2008TK Datasheet
155Kb / 2P
   NECs L,S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com