Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9067 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9067
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9067 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9067 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9067 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9067 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9067 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4.0 (5)
4x 1.7±0.1
7.7250
15.7250
13.7250±0.0500
11.7250
17.7250
99°
81°
2.50
1.60 min
4.0000
Insulation dot
backing plate
8
2
9
12
4
11
10
7
6
13
1
5
ITEM
NO.
DESCRIPTION
Material
1
Rectangular Socket Base
7075-T6 Aluminum Alloy
2
Socket Lid Swivel 9x11mm IC
7075-T6 Aluminum Alloy
3
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
4
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
5
#0-80 Shoulder Screw, 2.29mm thread length
Stainless Steel (303)
6
"X" shaped Backing Plate for 9x11mm chip
7075-T6 Alumium Alloy
7
Insulating washer, 4mm OD.
Kapton Polyimide/Cirlex
8
Compression Screw M6x1
Stainless Steel (18-8)
9
Compression Plate
7075-T6 Aluminum Alloy
10
SM interposer
SM elastomer
11
IC Guide for 9x10mm IC
Torlon 4203
12
Customer's IC
FR4 High temp
13
Customer's target PCB
FR4 High temp
SHEET 4 OF 4
SCALE: 3:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Primary dimension units are millimeters, Secondary dimension units are [inches].
SM-BGA-9067 Drawing
STATUS: Released
DRAWN BY: M. Raske
File: SM-BGA-9067 Dwg
REV. A
DATE: 5/3/2016
FINISH: N/A
MATERIAL: N/A
WEIGHT: 7.01
Description: Socket for 9x10mm 18x24 0.4mm pitch BGA348B


Similar Part No. - SM-BGA-9067

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9060 IRONWOOD-SM-BGA-9060 Datasheet
416Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9063 IRONWOOD-SM-BGA-9063 Datasheet
502Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9064 IRONWOOD-SM-BGA-9064 Datasheet
452Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-BGA-9067

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com