Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6681BIN Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6681BIN
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6681BIN Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6681BIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 9Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 10Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 11Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 12Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 13Page - National Semiconductor (TI) LMC6681BIN Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical Performance Characteristics V
S+ = 3V, Single Supply, TA = 25˚C unless otherwise specified
Supply Current per Amplifier
vs Supply Voltage
DS012042-40
Sourcing Current
vs Output Voltage
DS012042-41
Sinking Current
vs Output Voltage
DS012042-42
Input Voltage Noise
vs Common-Mode Voltage
DS012042-43
∆V
OS vs VCM
DS012042-44
∆V
OS vs VCM
DS012042-45
Frequency Response
vs Temperature
DS012042-46
Frequency Response
vs R
L
DS012042-47
Input Voltage Noise
vs Frequency
DS012042-48
www.national.com
10


Similar Part No. - LMC6681BIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6681 TI1-LMC6681 Datasheet
793Kb / 26P
[Old version datasheet]   Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
More results

Similar Description - LMC6681BIN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
   Rail-to-Rail Input and Output
08/02/11
logo
Texas Instruments
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com