Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G691L438T93 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G691L438T93
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G691L438T93 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G691L438T93 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G691L438T93 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G690/G691
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..…….…….-0.3V to +6.0V
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET (open drain)...….......................-0.3V to +6.0V
Input Current, VCC ............................….................20mA
Output Current, RESET, RESET ........................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT89……………………………………….500mW
3-Pin SOT23 (derate 4mW/°C above +70°C)….320mW
3-Pin SC70 (derate 2.17mW/°C above +70°C)..174mW
Operating Temperature Range …........-40°C to +105°C
Storage Temperature Range..….….….-65°C to +150°C
Lead Temperature (soldering, 10s) ..…....…......+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
TA = 0°C +70°C
1.0
5.5
VCC Range
TA = -40°C +105°C
1.2
5.5
V
VCC<5.5V, G69_ _463/438/400_
22
30
Supply Current (SOT23)
ICC
TA = -40°C +105°C
VCC<3.6V, G69_ _308/293/263_
10
23
µA
TA = +25°C
4.56
4.63
4.70
TA = -40°C to +85°C
4.50
4.75
G69_ _463_
TA = +85°C to +105°C
4.40
4.86
TA = +25°C
4.31
4.38
4.45
TA = -40°C to +85°C
4.25
4.50
G69_ _438_
TA = +85°C to +105°C
4.16
4.56
TA = +25°C
3.93
4.00
4.06
TA = -40°C to +85°C
3.89
4.10
G69_ _400_
TA = +85°C to +105°C
3.80
4.20
TA = +25°C
3.04
3.08
3.11
TA = -40°C to +85°C
3.00
3.15
G69_ _308_
TA = +85°C to +105°C
2.92
3.23
TA = +25°C
2.89
2.93
2.96
TA = -40°C to +85°C
2.85
3.00
G69_ _293_
TA = +85°C to +105°C
2.78
3.08
TA = +25°C
2.59
2.63
2.66
TA = -40°C to +85°C
2.55
2.70
Reset Threshold
VTH
G69_ _263_
TA = +85°C to +105°C
2.50
2.76
V


Similar Part No. - G691L438T93

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
List of Unclassifed Man...
G692H ETC-G692H Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
G693 ETC-G693 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
More results

Similar Description - G691L438T93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com