Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP32409DNP-T1-GE4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiP32409DNP-T1-GE4
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32409DNP-T1-GE4 Datasheet(HTML) 3 Page - Vishay Siliconix

  SiP32409DNP-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SiP32409DNP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 63717
S13-0971-Rev. F, 06-May-13
www.vishay.com
3
Vishay Siliconix
SiP32408, SiP32409
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
d. Not tested, guarantee by design.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5 V, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
- 40 °C to 85 °C
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
1.1
-
5.5
V
Quiescent Current
IQ
VIN = 1.2 V, EN = active
-
10.5
17
µA
VIN = 1.8 V, EN = active
-
21
30
VIN = 2.5 V, EN = active
-
34
50
VIN = 3.6 V, EN = active
-
54
90
VIN = 4.3 V, EN = active
-
68
110
VIN = 5 V, EN = active
-
105
180
Off Supply Current
IQ(off)
EN = inactive, OUT = open
-
-
1
Off Switch Current
IDS(off)
EN = inactive, OUT = GND
-
-
1
Reverse Blocking Current
IRB
VOUT = 5 V, VIN = 0 V, VEN = inactive
--
10
On-Resistance
RDS(on)
VIN = 1.2 V, IL = 100 mA, TA = 25 °C
-
45
52
m
VIN = 1.8 V, IL = 100 mA, TA = 25 °C
-
42
50
VIN = 2.5 V, IL = 100 mA, TA = 25 °C
-
42
50
VIN = 3.6 V, IL = 100 mA, TA = 25 °C
-42
50
VIN = 4.3 V, IL = 100 mA, TA = 25 °C
-
42
50
VIN = 5 V, IL = 100 mA, TA = 25 °C
-44
50
On-Resistance Temp.-Coefficient
TCRDS
-
3300
-
ppm/°C
EN Input Low Voltagec
VIL
VIN = 1.2 V
--
0.3
V
VIN = 1.8 V
--
0.4d
VIN = 2.5 V
--
0.5d
VIN = 3.6 V
--
0.6d
VIN = 4.3 V
--
0.7d
VIN = 5 V
--
0.8d
EN Input High Voltagec
VIH
VIN = 1.2 V
0.9d
--
VIN = 1.8 V
1.2d
--
VIN = 2.5 V
1.4d
--
VIN = 3.6 V
1.6d
--
VIN = 4.3 V
1.7d
--
VIN = 5 V
1.8
-
-
EN Input Leakage
ISINK
VEN = 5.5 V
- 1
-
1
µA
Output Pulldown Resistance
RPD
EN = inactive, TA = 25 °C, (for SiP32409 only)
-
217
280
Output Turn-On Delay Time
td(on)
VIN = 3.6 V, RLOAD = 10 , TA = 25 °C
-1.8
-
ms
Output Turn-On Rise Time
t(on)
1.2
2.5
3.8
Output Turn-Off Delay Time
td(off)
--
0.001


Similar Part No. - SiP32409DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32409DNP-T1-GE4 VISHAY-SIP32409DNP-T1-GE4 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SiP32409DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
01-Jan-2022
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
Rev. B, 29-Feb-16
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
   1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
Rev. C, 08-Jul-13
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
   1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
01-Jan-2022
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com