Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP32102DB-T5-GE1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SiP32102DB-T5-GE1
Description  6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32102DB-T5-GE1 Datasheet(HTML) 8 Page - Vishay Siliconix

  SiP32102DB-T5-GE1 Datasheet HTML 1Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 2Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 3Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 4Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 5Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 6Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 7Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 8Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 16-Dec-13
1
Document Number: 62592
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WCSP12: 12 Bumps
(3 x 4, 0.4 mm pitch, 208 μm bump height, 1.71 mm x 1.31 mm die size)
Notes (unless otherwise specified)
(1) Laser mark on the silicon die back coated with an epoxy film.
(2) Bumps are SAC396.
(3) 0.050 max. co-planarity.
(4) Laminate tape thickness is 0.022 mm.
(5) Use millimeters as the primary measurement.
MILLIMETERS (5)
INCHES
DIMENSION
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.515
0.530
0.545
0.0203
0.0209
0.0215
A1
0.183
0.208
0.233
0.0072
0.0082
0.0092
b
0.234
0.260
0.312
0.0092
0.0102
0.0123
e
0.400
0.0157
s
0.235
0.255
0.275
0.0093
0.0100
0.0108
D
1.270
1.310
1.350
0.0500
0.0516
0.0531
E
1.670
1.710
1.750
0.0657
0.0673
0.0689
ECN: S13-2510-Rev. B, 16-Dec-13
DWG: 6017
s
e
s
e
e
b
E
FYWL
ABCDE
Index Bump A1
A1
B1
C1
A2
A3
A4
B2
B3
B4
C2
C3
C4
Top View
Bottom View
Side View
Bump Note 2
RECOMMENDED
LAND PATTERN
(NSMD)
e
e
A1
e


Similar Part No. - SiP32102DB-T5-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32102DB-T5-GE1 VISHAY-SIP32102DB-T5-GE1 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
More results

Similar Description - SiP32102DB-T5-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101_V01 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
SIP32104 VISHAY-SIP32104 Datasheet
185Kb / 8P
   6.5 m, Bidirectional Battery Switch in Compact WCSP
Rev. B, 03-Apr-17
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
   50 mΩ, Slew Rate Controlled Load Switch in WCSP
Rev. B, 28-Apr-14
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com