Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP32102DB-T5-GE1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SiP32102DB-T5-GE1
Description  6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32102DB-T5-GE1 Datasheet(HTML) 7 Page - Vishay Siliconix

  SiP32102DB-T5-GE1 Datasheet HTML 1Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 2Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 3Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 4Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 5Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 6Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 7Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 8Page - Vishay Siliconix SiP32102DB-T5-GE1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SiP32101, SiP32102, SiP32103
www.vishay.com
Vishay Siliconix
S15-0598-Rev. G, 30-Mar-15
7
Document Number: 62617
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
The SiP32101, SiP32102, and SiP32103 bidirectional
switches feature reverse blocking capability to isolate the
battery from the system. The internal switch has an ultra-low
6.5 m
Ω (typ. at 3.3 V) on-resistance and operates from a
+2.3 V to +5.5 V input voltage range, making the device ideal
battery-disconnect
switch
for
high-capacity
battery
applications. The parts can handle 7 A continuous current at
both directions.
The SiP32101, SiP32102, and SiP32103 have slew rate
control, making them ideal in large load capacitor as well as
high-current load switching applications.
The SiP32101, SiP32102, and SiP32103 are available in an
ultra compact 12-Bump, 1.3 mm x 1.7 mm, 0.4 mm pitch
WCSP package with top side lamination. The device
operates over the temperature of -40 °C to +85 °C.
REVERSE CURRENT BLOCKING
The SiP32101, SiP32102, and SiP32103 are bidirectional
switches that prevent current flowing from either port to the
other when the device is disabled.
EN, EN INPUT
SiP32101 and SiP32103 have an active-low enable pin
which can interface with low voltage GPIO directly. The
switch is on when EN is low and off when EN is high. The
SiP32102 has an active-high enable pin that turns the switch
on when high and off when low. The SiP32101 and
SiP32102 have an integrated pull down resistor at EN pin.
The SiP32103 EN pin integrates a pull up resistor that will
automatically connected to either port A or port whichever
is of higher voltage.
SWITCH ON AND OFF PERFORMANCE
The SiP32101, SiP32102, and SiP32103 have slew rate
control. This minimizes the inrush current and provides a
soft turn on.
Fig. 19 - Port B Turn-On Time
(VPA = 4.2 V, RL = 10
Ω, CL = 0.1 μF)
Fig. 20 - Port B Turn-Off Time
(VPA = 4.2 V, RL = 10
Ω, CL = 0.1 μF)
DEVICE PIN OUT
Device pin out is designed for ease of layout.
Fig. 21 - Proposed Layout
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62617.
)
/EN
GND
A1
C3
B3
A3
C2
B2
A2
C1
B1
/EN
Port A
C4
B4
A4
GND
Port A
Port A
Port A
Port A
Port B
Port B
Port B
Port B
Port B
Port A
Port B


Similar Part No. - SiP32102DB-T5-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32102DB-T5-GE1 VISHAY-SIP32102DB-T5-GE1 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
More results

Similar Description - SiP32102DB-T5-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101_V01 Datasheet
179Kb / 9P
   6.5 m廓, Bi-Directional Battery Switch in Compact WCSP
09-Jul-2021
SIP32104 VISHAY-SIP32104 Datasheet
185Kb / 8P
   6.5 m, Bidirectional Battery Switch in Compact WCSP
Rev. B, 03-Apr-17
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
   50 mΩ, Slew Rate Controlled Load Switch in WCSP
Rev. B, 28-Apr-14
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com