Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8432310000 Datasheet(PDF) 8 Page - Weidmuller

Part # 8432310000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8432310000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 8432310000 Datasheet HTML 4Page - Weidmuller 8432310000 Datasheet HTML 5Page - Weidmuller 8432310000 Datasheet HTML 6Page - Weidmuller 8432310000 Datasheet HTML 7Page - Weidmuller 8432310000 Datasheet HTML 8Page - Weidmuller 8432310000 Datasheet HTML 9Page - Weidmuller 8432310000 Datasheet HTML 10Page - Weidmuller 8432310000 Datasheet HTML 11Page - Weidmuller 8432310000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Function
Input
Output
Galvanic
Voltage supply
Setting
Module
Connection
Cat. No.
Page
isolation
width/mm
type
163
1)
Switch output / 1 changeover contact
2)
0…10 V, 0 (4)…20 mA switchable
3)
4…20 mA / current loop supply
4)
Switch output / 1 changeover contact
5)
0…10 V, 0 (4)…20 mA switchable
DIP switch./P* = DIP switch / Potentiometer
Selection Table
DA convert.
8-bit
0…20mA
no
19.2…28.8Vdc
Fixed
70
Screw
1165860000
211
8-bit
4…20mA
no
19.2…28.8Vdc
Fixed
70
Screw
1169260000
211
8-bit
0…10V
no
19.2…28.8Vdc
Fixed
70
Screw
1160760000
211
8-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1123360000
211
12-bit
0…20mA
no
19.2…28.8Vdc
Fixed
70
Screw
1166060000
213
12-bit
4…20mA
no
19.2…28.8Vdc
Fixed
70
Screw
1165960000
213
12-bit
0…10V
no
19.2…28.8Vdc
Fixed
70
Screw
1166160000
213
12-bit
no
19.2…28.8Vdc
Fixed
70
Screw
1160860000
213
Current
0…1/5/10 Aac
1)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Screw
8516560000
196
monitoring
0…1/5/10 Aac
1)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8516570000
196
0…20/40/60 Aac 1)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Screw
8513340000
196
0…20/40/60 Aac 1)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8526600000
196
0…1/5/10 Aac
2)
2-way
21.6…26.4Vdc
DIP switch
22.5
Screw
8523400000
197
0…1/5/10 Aac
2)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8523410000
197
0…1/5/10 Aac
3)
2-way
12…30Vdc
DIP sw./P*
22.5
Screw
8528650000
197
0…1/5/10 Aac
3)
2-way
12…30Vdc
DIP sw./P*
22.5
Tens. clamp
8528660000
197
0…5/10 Aac
4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Screw
8526610000
198
0…5/10 Aac
4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8526620000
198
0…20/25/30 Aac 4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Screw
8545830000
198
0…20/25/30 Aac 4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8545840000
198
0…20/40/60 Aac 4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Screw
8513330000
199
0…20/40/60 Aac 4)
2-way
21.6…26.4Vdc
DIP sw./P*
22.5
Tens. clamp
8526590000
199
0.1…2A
Switching output no
18…30Vdc
Fixed
6
Screw
PNP
1…50mAdc
Opto-coupler
yes
10…250Vdc
Op. point
22.5
Screw
1157160000
200
40…250mAdc
Opto-coupler
yes
10…250Vdc
Op. point
22.5
Screw
1156360000
200
40…250mAdc
Opto-coupler
yes
10…250Vdc
Op. point
22.5
Screw
1156460000
201
0.2…2.2Aac
Opto-coupler
yes
10…250Vdc
Op. point
22.5
Screw
1157360000
201
1…5Aac
21.6…26.4Vuc
yes
10…250Vdc
Fixed
22.5
Screw
1112160000
201
1…5Aac
5…48Vdc
yes
10…250Vdc
Fixed
22.5
Screw
8026930000
201
1…5Aac
LED
yes
10…250Vdc
Fixed
22.5
Screw
1112060000
201
40...250mAdc
NO 1-channel
yes
10…250Vdc
Op. point
22.5
Screw
1156660000
202
40...250mAdc
NO 1-channel
yes
10…250Vdc
Op. point
22.5
Screw
1159960000
202
0.2...2.2Aac
NO 1-channel
yes
10…250Vdc
Op. point
22.5
Screw
1156960000
203
1…5Aac
NO 1-channel
yes
10…250Vdc
Fixed
22.5
Screw
1112260000
203
Voltage
1-24Vdc
CO 1-channel
yes
21.6…26.4Vuc
Op. point
22.5
Screw
0555060000
205
monitoring
1-230Vuc
CO 1-channel
yes
207…253Vac
Op. point
22.5
Screw
0555160000
205
18…24Vac
CO 1-channel
yes
18…27Vac
Op. point
22.5
Screw
1156760000
204
36…48Vac
CO 1-channel
yes
36…53Vac
Op. point
22.5
Screw
1157660000
204
83…110Vac
CO 1-channel
yes
83…121Vac
Op. point
22.5
Screw
1157760000
205
165…220Vac
CO 1-channel
yes
165…253Vac
Op. point
22.5
Screw
1157860000
205
200…260Vac
NO 1-channel
yes
200…299Vac
Op. point
22.5
Screw
1160160000
205
3 phase 165...230Vac
NO 2-channel
yes
165…230Vac
Op. point
22.5
Screw
1156560000
205
3 phase 165...230Vac
NO/NC
yes
165…230Vac
Op. point
22.5
Screw
1178760000
205
Rotational-
P. / N. switching
CO 1-channel
no
195.5…241.5Vac
Potentiometer
22.5
Screw
1110560000
206
motion and
24Vdc
r.p.m. monitoring
Namur switch
Namur
NO 1-channel
no
21.6…26.4Vdc
no
22.5
Screw
1120360000
207
amplifier
Namur
PNP/NPN
no
21.6…26.4Vdc
no
22.5
Screw
1122460000
207
Setpoint device
0…24V
10.5…+10.5V
yes
21.6…26.4Vdc
Potentiometer
22.5
Screw
1172660000
208


Similar Part No. - 8432310000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8432310000 WEIDMULLER-8432310000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432310000 WEIDMULLER-8432310000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432310000 WEIDMULLER-8432310000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 8432310000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com