Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9019170000 Datasheet(PDF) 8 Page - Weidmuller

Part # 9019170000
Description  Accessories
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9019170000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 9019170000 Datasheet HTML 4Page - Weidmuller 9019170000 Datasheet HTML 5Page - Weidmuller 9019170000 Datasheet HTML 6Page - Weidmuller 9019170000 Datasheet HTML 7Page - Weidmuller 9019170000 Datasheet HTML 8Page - Weidmuller 9019170000 Datasheet HTML 9Page - Weidmuller 9019170000 Datasheet HTML 10Page - Weidmuller 9019170000 Datasheet HTML 11Page - Weidmuller 9019170000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
J.8
J
Wire end ferrules with plastic collar
other colour code
Ordering data
packed loose
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.25/10T
0.25
24
10.0
6.0
0.8
1.8
0.15 0.25
8.0
l
yellow
500
9021010000
H0.25/12T
0.25
24
12.0
8.0
0.8
1.8
0.15 0.25
10.0
l
yellow
500
9021020000
H0.5/12D
0.50
20
12.0
6.0
1.0
2.6
0.15 0.25
8.0
m
white
500
9019000000
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
500
9019010000
H0.5/16D
0.50
20
16.0 10.0
1.0
2.6
0.15 0.25
12.0
m
white
500
9019020000
H0.75/12T
0.75
18
12.0
6.0
1.2
2.8
0.15 0.25
8.0
l
light blue
500
9021030000
H0.75/14
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
light blue
500
9021040000
H0.75/16T
0.75
18
16.0 10.0
1.2
2.8
0.15 0.25
12.0
l
light blue
500
9021050000
H0.75/18T
0.75
18
18.0 12.0
1.2
2.8
0.15 0.25
14.0
l
light blue
500
9021060000
H1.0/12D
1.00
17
12.0
6.0
1.4
3.0
0.15 0.25
8.0
l
red
500
9019070000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
500
9019080000
H1.0/16D
1.00
17
16.0 10.0
1.4
3.0
0.15 0.25
12.0
l
red
500
9019100000
H1.0/18D
1.00
17
18.0 12.0
1.4
3.0
0.15 0.25
15.0
l
red
500
9019110000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
black
500
9019120000
H1.5/16D
1.50
16
16.0 10.0
1.7
3.5
0.15 0.25
12.0
l
black
500
9019130000
H1.5/18D
1.50
16
18.0 12.0
1.7
3.5
0.15 0.25
15.0
l
black
500
9019140000
H1.5/24D
1.50
16
24.0 18.0
1.7
3.5
0.15 0.25
20.0
l
black
500
9019150000
H2.5/15T
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
grey
500
9021070000
H2.5/19T
2.50
14
19.0 12.0
2.2
4.2
0.15 0.25
14.0
l
grey
500
9021080000
H2.5/25T
2.50
14
25.0 18.0
2.2
4.2
0.15 0.25
20.0
l
grey
500
9021090000
H4.0/18T
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
orange
500
9021100000
H4.0/20T
4.00
12
20.0 12.0
2.8
4.8
0.2
0.3
14.0
l
orange
500
9021110000
H4.0/26T
4.00
12
26.0 18.0
2.8
4.8
0.2
0.3
20.0
l
orange
100
9021120000
H6.0/20T
6.00
10
20.0 12.0
3.5
6.3
0.2
0.3
14.0
l
green
100
9021130000
H6.0/26T
6.00
10
26.0 18.0
3.5
6.3
0.2
0.3
20.0
l
green
100
9021140000
H10.0/22T
10.00
7
22.0 12.0
4.5
7.6
0.2
0.4
15.0
l
brown
100
9021150000
H10.0/28T
10.00
7
28.0 18.0
4.5
7.6
0.2
0.4
21.0
l
brown
100
9021160000
H16.0/22T
16.00
6
22.0 12.0
5.8
8.8
0.2
0.4
15.0
m
white
100
9021170000
H16.0/28T
16.00
6
28.0 18.0
5.8
8.8
0.2
0.4
21.0
m
white
100
9021180000
H25.0/30T
25.00
3
30.0 16.0
7.3 11.2
0.2
0.4
18.0
l
black
50
9021190000
H25.0/36T
25.00
3
36.0 22.0
7.3 11.2
0.2
0.4
24.0
l
black
50
9021200000
other colour code
Ordering data
in multipack bag
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.14/10T
0.14
26
10.0
6.0
0.6
1.5
0.15 0.25
8.0
l
brown
500
9028250000
H0.25/10T
0.25
24
10.0
6.0
0.8
1.8
0.15 0.25
8.0
l
yellow
500
9021210000
H0.25/12T
0.25
24
12.0
8.0
0.8
1.8
0.15 0.25
10.0
l
yellow
500
9021220000
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
500
9019400000
H0.75/14T
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
light blue
500
9021230000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
500
9019420000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.5
0.15 0.25
10.0
l
black
500
9019430000
H1.5/24D
1.50
16
24.0 18.0
1.7
3.5
0.15 0.25
20.0
l
black
500
9004140000
H2.5/15T
2.50
14
15.0
8.0
2.2
4.2
0.15 0.25
10.0
l
grey
500
9021240000
H4.0/18T
4.00
12
18.0 10.0
2.8
4.8
0.2
0.3
12.0
l
orange
250
9021250000
other colour code
Ordering data
Strip of wire end ferrules
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H0.5/14D
0.50
20
14.0
8.0
1.0
2.6
0.15 0.25
10.0
m
white
500
9004280000
H0.75/14T
0.75
18
14.0
8.0
1.2
2.8
0.15 0.25
10.0
l
light blue
500
9004310000
H1.0/14D
1.00
17
14.0
8.0
1.4
3.0
0.15 0.25
10.0
l
red
500
9004330000
H1.5/14D
1.50
16
14.0
8.0
1.7
3.2
0.15 0.25
10.0
l
black
500
9004350000
H2.5/14T
2.50
14
14.0
8.0
2.2
4.0
0.15 0.25
11.0
l
grey
500
9004370000
L2
L1
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 0.14 to 25 mm2 (AWG 26-3)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4


Similar Part No. - 9019170000

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90191 NTE-90191 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
logo
Weidmuller
9019100000 WEIDMULLER-9019100000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 12 mm, 10 mm, red
November 10, 2021
9019110000 WEIDMULLER-9019110000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 15 mm, 12 mm, red
November 9, 2021
9019120000 WEIDMULLER-9019120000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 10 mm, 8 mm, black
November 10, 2021
9019130000 WEIDMULLER-9019130000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 12 mm, 10 mm, black
November 10, 2021
More results

Similar Description - 9019170000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com