Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8526590000 Datasheet(PDF) 10 Page - Weidmuller

Part # 8526590000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8526590000 Datasheet(HTML) 10 Page - Weidmuller

Back Button 8526590000 Datasheet HTML 6Page - Weidmuller 8526590000 Datasheet HTML 7Page - Weidmuller 8526590000 Datasheet HTML 8Page - Weidmuller 8526590000 Datasheet HTML 9Page - Weidmuller 8526590000 Datasheet HTML 10Page - Weidmuller 8526590000 Datasheet HTML 11Page - Weidmuller 8526590000 Datasheet HTML 12Page - Weidmuller 8526590000 Datasheet HTML 13Page - Weidmuller 8526590000 Datasheet HTML 14Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
165
RTD Thermocouple Conditioners
Block diagram
MCZ PT100/3 CLP
0…100 °C / 0…120 °C / 0…150 °C / 0…200 °C / 0…300 °C
-50…+150 °C / -40…100 °C
Type
Cat. No.
MCZ PT100/3 CLP
0…100 °C
8425720000
MCZ PT100/3 CLP
0…120 °C
8483680000
MCZ PT100/3 CLP
0…150 °C
8604420000
MCZ PT100/3 CLP
0…200 °C
8473010000
MCZ PT100/3 CLP
0…300 °C
8473020000
MCZ PT100/3 CLP
-50…+150 °C
8473000000
MCZ PT100/3 CLP
-40…100 °C
8604430000
PT 100 (according to IEC 751)
3-wire / 2-wire*
each 50 Ω
max. 0.006 °C/Ω
0.8 mA
4…20 mA**
750 Ω at 24 V
max: 30V / min: 9 V+20mA x RL
max: 1.5 V at 100 Hz
10 ms
Type. 0.2 % max. 0.5 % v. FSR
<0.1 % v. FSR
max. ±250 ppm/°C
yes
EMVG
EN 50081-1
EN 50082-2
CE, UL, CSA
0 °C…+50 °C
-20 °C…+85 °C
AWG 22…12
1.5 mm2
6 mm
** current loop supplied
Page 305
Ordering data
for TS 35
Technical data
Input
Connection
Max. wire resistance
Leadwire resistance effect
Supply current
Output
Load
Supply voltage
Residual ripple of supply voltage
Set time
Accuracy
Linearity
Temperature coefficient
Open circuit recognition
EMC
Approvals
Ambient temperature
Storage temperature
Conductor
Conductor cross-section
Overall width
* Putting a bridge between Pins 4 and 5
Dimensions and accessories see
The temperature module converts measurement
values from a PT 100 into analogue measure-
ment signals. The module supplies the sensor
with power. The module is distinguished by its
accuracy and linearity.
• for 2 and 3 wire sensors


Similar Part No. - 8526590000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8526 FILTRAN-8526 Datasheet
176Kb / 1P
   T1/E1 Interface Modules
logo
List of Unclassifed Man...
8526 ETC2-8526 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8526 BK-8526 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
3M Electronics
8526-4500JL 3M-8526-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
List of Unclassifed Man...
85260-3420 ETC2-85260-3420 Datasheet
915Kb / 13P
   Application Notes for LCD 36x24 SmartSwitch/Display
More results

Similar Description - 8526590000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com