Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9456350000 Datasheet(PDF) 2 Page - Weidmuller

Part # 9456350000
Description  SAI-8-F 5P 5M 0.5/1.0U
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9456350000 Datasheet(HTML) 2 Page - Weidmuller

  9456350000 Datasheet HTML 1Page - Weidmuller 9456350000 Datasheet HTML 2Page - Weidmuller 9456350000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | Sensor-Actuator-Interface (SAI) | SAI - passive | M12 distributor | Fixed cabel version | SAI-4/6/8-F
5P
- 2 -
Approvals
Approvals institutes
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001856
eClass 4.1
NK
eClass 5.0
NK
eClass 5.1
NK
Similar products
Order No.
Part designation
Version
9456340000
SAI-4-F 5P PUR 10M
Sensor-actuator passive distributor, M12, Fixed cable version, 10.00
m, LED: Yes
9456350000
SAI-4-F 5P PUR 15M
Sensor-actuator passive distributor, M12, Fixed cable version, 15.00
m, LED: Yes
9456370000
SAI-4-F 5P PUR 20M
Sensor-actuator passive distributor, M12, Fixed cable version, 20.00
m, LED: Yes
9456320000
SAI-4-F 5P PUR 3M
Sensor-actuator passive distributor, M12, Fixed cable version, 3.00
m, LED: Yes
9456330000
SAI-4-F 5P PUR 5M
Sensor-actuator passive distributor, M12, Fixed cable version, 5.00
m, LED: Yes
9456620000
SAI-6-F 5P PUR 10M
Sensor-actuator passive distributor, M12, Fixed cable version, 10.00
m, LED: Yes
9456630000
SAI-6-F 5P PUR 15M
Sensor-actuator passive distributor, M12, Fixed cable version, 15.00
m, LED: Yes
9456650000
SAI-6-F 5P PUR 20M
Sensor-actuator passive distributor, M12, Fixed cable version, 20.00
m, LED: Yes
9456600000
SAI-6-F 5P PUR 3M
Sensor-actuator passive distributor, M12, Fixed cable version, 3.00
m, LED: Yes
9456610000
SAI-6-F 5P PUR 5M
Sensor-actuator passive distributor, M12, Fixed cable version, 5.00
m, LED: Yes
9456900000
SAI-8-F 5P PUR 10M
Sensor-actuator passive distributor, M12, Fixed cable version, 10.00
m, LED: Yes
9456910000
SAI-8-F 5P PUR 15M
Sensor-actuator passive distributor, M12, Fixed cable version, 15.00
m, LED: Yes
9456930000
SAI-8-F 5P PUR 20M
Sensor-actuator passive distributor, M12, Fixed cable version, 20.00
m, LED: Yes
9456880000
SAI-8-F 5P PUR 3M
Sensor-actuator passive distributor, M12, Fixed cable version, 3.00
m, LED: Yes
9456890000
SAI-8-F 5P PUR 5M
Sensor-actuator passive distributor, M12, Fixed cable version, 5.00
m, LED: Yes
9457600000
SAI-8-F 5P 10M 0.5/1.0U
Sensor-actuator passive distributor, M12, Fixed cable version, 10.00
m, LED: Yes


Similar Part No. - 9456350000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9456350000 WEIDMULLER-9456350000 Datasheet
58Kb / 3P
   SAI-6-F 5P PUR 10M
More results

Similar Description - 9456350000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9456750000 WEIDMULLER-9456750000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 5M
9456620000 WEIDMULLER-9456620000 Datasheet
58Kb / 3P
   SAI-6-F 5P PUR 10M
1701251000 WEIDMULLER-1701251000 Datasheet
55Kb / 2P
   SAI-8-M 5P M12 UT
1740190000 WEIDMULLER-1740190000 Datasheet
56Kb / 2P
   SAI-8-M 5P M12 OL
9456760000 WEIDMULLER-9456760000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 10M
9456480000 WEIDMULLER-9456480000 Datasheet
57Kb / 2P
   SAI-6-F 4P PUR 10M
9456200000 WEIDMULLER-9456200000 Datasheet
56Kb / 2P
   SAI-4-F 4P PUR 10M
logo
Assmann Electronics Inc...
AK669M-1-R ASSMANN-AK669M-1-R Datasheet
202Kb / 1P
   Min USB 5P/F to Min USB 5P/M Cable 1,000mm
AK669M-2 ASSMANN-AK669M-2 Datasheet
202Kb / 1P
   Min USB 5P/F to Min USB 5P/M Cable 1,000mm
logo
NorComp
858FYYY-203RCS1 NORCOMP-858FYYY-203RCS1 Datasheet
111Kb / 1P
   M12FW / 5P / A / F / U / 6-8MM
Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com