Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1166160000 Datasheet(PDF) 11 Page - Weidmuller

Part # 1166160000
Description  Mini Coupler / Mini Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1166160000 Datasheet(HTML) 11 Page - Weidmuller

Back Button 1166160000 Datasheet HTML 7Page - Weidmuller 1166160000 Datasheet HTML 8Page - Weidmuller 1166160000 Datasheet HTML 9Page - Weidmuller 1166160000 Datasheet HTML 10Page - Weidmuller 1166160000 Datasheet HTML 11Page - Weidmuller 1166160000 Datasheet HTML 12Page - Weidmuller 1166160000 Datasheet HTML 13Page - Weidmuller 1166160000 Datasheet HTML 14Page - Weidmuller 1166160000 Datasheet HTML 15Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
*without DC/DC converter
input supply vie current loop
166
Frequency Signal Conditioners
Ordering data
for TS 35
W
Technical data
Input ranges
Overload limits, input
Input resistance
Voltage drop, input
Output
Output frequency, end value
Frequency adjustment
Readjustment range
Output level
Output current
Display
Supply voltage
Power consumption
Making current limit
Polarisation protection
Accuracy
Temperature coefficient
Coordination of insulation according to EN 50178
Voltage strength input/output
Rated voltage
Rated surge voltage
Overvoltage category
Voltage strength I/O to mounting rail
Operating temperature
Storage temperature
Overall width
Conductor cross-section
Dimensions and accessories see
Type
Cat. No.
MCZ VFC
8461470000
0…10 V
30 V
100 kΩ
1 kHz, 4 kHz, 8 kHz, 16 kHz
DIL switch
±10 %, internal
PNP, Ub- 0.7 V
max. 20 mA
LED, pulsing
24 Vdc ±10 %
14 mA, w/o load
200 mA
yes
0.2 % v. FSR
< 250 ppm/°C
1 kVdc
100 V
1.5 kV
III
4 kVeff/ 1 min
0 °C…+50 °C
-25 °C…+85 °C
6 mm
1.5 mm2
Page 305
Type
Cat. No.
MCZ CFC
8461480000
0…20 mA
50 mA
50 Ω
1 V at 20 mA
1 kHz, 4 kHz, 8 kHz, 16 kHz
DIL switch
±10 %, internal
PNP, Ub- 0.7 V
max. 20 mA
LED, pulsing
24 Vdc ±10 %
14 mA w/o load
200 mA
yes
0.2 % v. FSR
< 250 ppm/°C
1 kVdc
100 V
1.5 kV
III
4 kVeff/ 1 min
0 °C…+50 °C
-25 °C…+85 °C
6 mm
1.5 mm2
Page 305
Type
Cat. No.
MCZ CFC
8461490000
4…20 mA LP*
50 mA
5.8…6.4 at 20 mA
1 kHz, 4 kHz, 8 kHz, 16 kHz
DIL switch
±10 %, internal
PNP, Ub- 0.7 V
max. 20 mA
LED, pulsing
24 Vdc ±20 %
14 mA w/o load
yes
0.15 % v. FSR
< 250 ppm/°C
150 V
2.5 kV
III
4 kVeff/ 1 min
0 °C…+50 °C
-25 °C…+85 °C
6 mm
1.5 mm2
Page 305
The option of reading-in the analogue signals
from the field via counter inputs of the control is
made possible by converting the analogue sig-
nals in to frequencies. It is recommended that
twisted and shielded 2-wire cables are used.
• Tension clamp connection
• LED-Display
• Adjustable frequency output
MCZ CFC
0…20 mA
MCZ CFC
4…20 mA CLP
MCZ VFC
0…10 V
MCZ VFZ 0…10 V and MCZ CFC 0…20 mA
12
34
DIP switch
10
00
0…16 kHz
01
00
0…8 kHz
00
10
0…4 kHz
00
01
0…1 kHz
MCZ CFC 4…20 mA CLP
12
34
DIP switch
10
00
3.2…16 kHz
01
00
1.6…8 kHz
00
10
0.8…4 kHz
00
01
0.2…1 kHz
Block diagram/settings


Similar Part No. - 1166160000

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1166 POMONA-1166 Datasheet
47Kb / 1P
   Alligator Clip To Multi-Stacking Banana Plug Patch Cord
logo
List of Unclassifed Man...
11668-019 ETC-11668-019 Datasheet
142Kb / 2P
   Lipofectamine 2000
11668-027 ETC-11668-027 Datasheet
142Kb / 2P
   Lipofectamine 2000
More results

Similar Description - 1166160000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447130000 WEIDMULLER-8447130000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560740000 WEIDMULLER-8560740000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8411190000 WEIDMULLER-8411190000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447100000 WEIDMULLER-8447100000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
   Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
   Mini Flat Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com